công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74HC2G66DP bảng dữ liệu(PDF) 7 Page - NXP Semiconductors

tên linh kiện 74HC2G66DP
Giải thích chi tiết về linh kiện  Dual single-pole single-throw analog switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC2G66DP bảng dữ liệu(HTML) 7 Page - NXP Semiconductors

Back Button 74HC2G66DP Datasheet HTML 3Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 4Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 5Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 6Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 7Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 8Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 9Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 10Page - NXP Semiconductors 74HC2G66DP Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
74HC_HCT2G66
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 10 — 3 October 2013
7 of 23
NXP Semiconductors
74HC2G66; 74HCT2G66
Dual single-pole single-throw analog switch
10.2 ON resistance
[1]
At supply voltages approaching 2 V, the ON resistance becomes extremely non-linear. Therefore it is recommended that these devices
be used to transmit digital signals only, when using this supply voltage.
[2]
Typical values are measured at Tamb = 25 C.
Table 8.
ON resistance for 74HC2G66 and 74HCT2G66
At recommended operating conditions; voltages are referenced to GND (ground 0 V); for graph see Figure 9.
Symbol
Parameter
Conditions
40 C to +85 C
40 C
to +125
C
Unit
Min
Typ[2]
Max
Min
Max
74HC2G66[1]
RON(peak) ON resistance (peak)
VI =GND to VCC; see Figure 8 and 9
ISW =0.1 mA; VCC = 2.0 V
-
250
-
-
-
ISW =1.0 mA; VCC = 4.5 V
-
41
118
-
142
ISW =1.0 mA; VCC = 6.0 V
-
30
105
-
126
ISW =1.0 mA; VCC = 9.0 V
-
21
88
-
105
RON(rail)
ON resistance (rail)
VI = GND; see Figure 8 and 9
ISW =0.1 mA; VCC =2.0 V
-
65
-
-
-
ISW =1.0 mA; VCC = 4.5 V
-
28
95
-
115
ISW =1.0 mA; VCC = 6.0 V
-
22
82
-
100
ISW =1.0 mA; VCC =9.0 V
-
18
70
-
80
VI =VCC; see Figure 8 and 9
ISW =0.1 mA; VCC =2.0 V
-
65
-
-
-
ISW =1.0 mA; VCC = 4.5 V
-
31
106
-
128
ISW =1.0 mA; VCC = 6.0 V
-
23
94
-
113
ISW =1.0 mA; VCC =9.0 V
-
19
78
-
95
R
ON
ON resistance mismatch
between channels
VI =VCC to GND; see Figure 8 and 9
VCC =4.5 V
-
5
-
-
-
VCC =6.0 V
-
4
-
-
-
VCC =9.0 V
-
3
-
-
-
74HCT2G66
RON(peak) ON resistance (peak)
VI =GND to VCC; see Figure 8 and 9
ISW =1.0 mA; VCC = 4.5 V
-
41
118
-
142
RON(rail)
ON resistance (rail)
VI = GND; see Figure 8 and 9
ISW =1.0 mA; VCC = 4.5 V
-
28
95
-
115
VI =VCC; see Figure 8 and 9
ISW =1.0 mA; VCC = 4.5 V
-
31
106
-
128
R
ON
ON resistance mismatch
between channels
VI =VCC to GND; see Figure 8 and 9
VCC =4.5 V
-
5
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com