công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS2DDR2811 bảng dữ liệu(PDF) 6 Page - Texas Instruments

tên linh kiện TS2DDR2811
Giải thích chi tiết về linh kiện  1-GHz BANDWIDTH, 8-CHANNEL SPST SWITCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TS2DDR2811 bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button TS2DDR2811 Datasheet HTML 2Page - Texas Instruments TS2DDR2811 Datasheet HTML 3Page - Texas Instruments TS2DDR2811 Datasheet HTML 4Page - Texas Instruments TS2DDR2811 Datasheet HTML 5Page - Texas Instruments TS2DDR2811 Datasheet HTML 6Page - Texas Instruments TS2DDR2811 Datasheet HTML 7Page - Texas Instruments TS2DDR2811 Datasheet HTML 8Page - Texas Instruments TS2DDR2811 Datasheet HTML 9Page - Texas Instruments TS2DDR2811 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CL
(see Note A)
TEST CIRCUIT
S1
2 × VCC
Open
GND
RL
RL
50 Ω
VG1
VCC
DUT
50 Ω
VSEL
50 Ω
VG2
50 Ω
VI
TEST
RL
S1
V∆
CL
VCC
VI
tPLZ/tPZL
3.3 V ± 0.3 V
2 × VCC
200 Ω
GND
10 pF
0.3 V
Input Generator
Input Generator
VO
tPHZ/tPZH
3.3 V ± 0.3 V
GND
200 Ω
VCC
10 pF
0.3 V
tPZL
VOH - 0.3 V
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
VCC/2
VCC/2
Output Control
)
(VSEL
1.65 V
3.3 V
VOH
VOL + 0.3 V
VOH
VOL
0 V
1.65 V
tPZH
tPLZ
tPHZ
Output
Waveform 2
S1 at GND
(see Note B)
Output
Waveform 1
S1 at 2 × VCC
(see Note B)
VOL
VO
VSEL
VO
TS2DDR2811
SCDS294 – DECEMBER 2009
www.ti.com
PARAMETER MEASUREMENT INFORMATION
(Enable and Disable Times)
A.
CL includes probe and jig capacitance.
B.
Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output
control. Waveform 2is for an output with internal conditions such that the output is high, except when disabled by the
output control.
C.
All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5
ns, tf ≤ 2.5 ns.
D.
The outputs are measured one at a time, with one transition per measurement.
E.
tPLZ and tPHZ are the same as tdis.
F.
tPZL and tPZH are the same as ten.
Figure 5. Test Circuit and Voltage Waveforms
6
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TS2DDR2811



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com