công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS2DDR2811 bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện TS2DDR2811
Giải thích chi tiết về linh kiện  1-GHz BANDWIDTH, 8-CHANNEL SPST SWITCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TS2DDR2811 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  TS2DDR2811 Datasheet HTML 1Page - Texas Instruments TS2DDR2811 Datasheet HTML 2Page - Texas Instruments TS2DDR2811 Datasheet HTML 3Page - Texas Instruments TS2DDR2811 Datasheet HTML 4Page - Texas Instruments TS2DDR2811 Datasheet HTML 5Page - Texas Instruments TS2DDR2811 Datasheet HTML 6Page - Texas Instruments TS2DDR2811 Datasheet HTML 7Page - Texas Instruments TS2DDR2811 Datasheet HTML 8Page - Texas Instruments TS2DDR2811 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TS2DDR2811
SCDS294 – DECEMBER 2009
www.ti.com
ELECTRICAL CHARACTERISTICS
for 10/100 Base-T Ethernet switching over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V
(unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP(2)
MAX
UNIT
VIK
SEL
VCC = 3.6 V,
IIN = –18 mA
–0.7
–1.2
V
IIH
SEL
VCC = 3.6 V,
VIN = VCC
±1
μA
IIL
SEL
VCC = 3.6 V,
VIN = GND
±1
μA
ICC
VCC = 3.6 V,
II/O = 0,
Switch ON or OFF
250
500
μA
CIN
SEL
f = 1 MHz,
VIN = 0
2
2.5
pF
COFF
B port
VI = 0,
f = 1 MHz,
Outputs open,
Switch OFF
2.5
4
pF
CON
VI = 0,
f = 1 MHz,
Outputs open,
Switch ON
8
pF
rON
VCC = 3 V,
1.25 V
≤ VI ≤ VCC,
IO = –10 mA to –30 mA
4
6
Ω
rON(flat)
(3)
VCC = 3 V,
VI = 1.25 V and VCC,
IO = –10 mA to –30 mA
0.5
Ω
ΔrON
(4)
VCC = 3 V,
1.25 V
≤ VI ≤ VCC,
IO = –10 mA to –30 mA
0.4
1
Ω
(1)
VI, VO, II, and IO refer to I/O pins. VIN refers to the control inputs.
(2)
All typical values are at VCC = 3.3 V (unless otherwise noted), TA = 25°C.
(3)
rON(flat) is the difference of rON in a given channel at specified voltages.
(4)
ΔrON is the difference of rON from center (A4, A5) ports to any other port.
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V, RL = 200 Ω, CL = 10 pF
(unless otherwise noted) (see Figure 5 and Figure 6)
FROM
TO
PARAMETER
MIN
TYP(1)
MAX
UNIT
(INPUT)
(OUTPUT)
tpd
(2)
A or B
B or A
40
ps
tPZH, tPZL
SEL
A or B
0.5
15
ns
tPHZ, tPLZ
SEL
A or B
0.9
9
ns
tsk(o)
(3)
A or B
B or A
50
100
ps
tsk(p)
(4)
50
150
ps
(1)
All typical values are at VCC = 3.3 V (unless otherwise noted), TA = 25°C.
(2)
The propagation delay is the calculated RC time constant of the typical ON-state resistance of the switch and the specified load
capacitance when driven by an ideal voltage source (zero output impedance).
(3)
Output skew between center port (A4 to A5) to any other port
(4)
Skew between opposite transitions of the same output in a given device |tPHL – tPLH|
DYNAMIC CHARACTERISTICS
over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TYP(1)
UNIT
XTALK
RL = 100 Ω,
f = 250 MHz,
See Figure 8
–37
dB
OIRR
RL = 100 Ω,
f = 250 MHz,
See Figure 9
–37
dB
BW
RL = 50 Ω,
See Figure 7
1100
MHz
(1)
All typical values are at VCC = 3.3 V (unless otherwise noted), TA = 25°C.
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TS2DDR2811



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com