công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TSB41BA3DIPFP bảng dữ liệu(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TSB41BA3DIPFP
Giải thích chi tiết về linh kiện  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TSB41BA3DIPFP bảng dữ liệu(HTML) 13 Page - Texas Instruments

Back Button TSB41BA3DIPFP Datasheet HTML 9Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 10Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 11Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 12Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 13Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 14Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 15Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 16Page - Texas Instruments TSB41BA3DIPFP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
PORT MODE/SPEED SELECTION EXAMPLE CONNECTIONS
TSB41BA3D
S5
TPBIAS0_SD0
3.3 V
S4
Port 0
3.3 V
POF
S200
1394b
9-Pin
Bilingual
S3
TPBIAS1_SD1
S2_PC0
Port 1
1394a
6-Pin DS
S1_PC1
TPBIAS2_SD2
S0_PC2
Port 2
PC0 (Don’t Care)
3.3 V
Mode 21, Port/Speed Mode (1, 1, 0, PC0, 0, 1)
TSB41BA3D
S5
TPBIAS0_SD0
3.3 V
S4
Port 0
3.3 V
RJ45
S100
S3
TPBIAS1_SD1
S2_PC0
Port 1
1394a
6-Pin DS
S1_PC1
TPBIAS2_SD2
S0_PC2
Port 2
PC0 (Don’t Care)
Mode 24, Port/Speed Mode (1, 1, 1, PC0, 0, 0)
POF
S100
3.3 V
SD High
3.3 V
Transformer
Equalizer
Signal
Detect
Signal Detect
Signal Detect
TPBIAS
TPBIAS
TPBIAS
TSB41BA3D
www.ti.com ............................................................................................................................................... SLLS959A – DECEMBER 2008 – REVISED MARCH 2009
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TSB41BA3D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60