| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TSB41BA3DIPFP bảng dữ liệu(PDF) 11 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TSB41BA3DIPFP bảng dữ liệu(HTML) 11 Page - Texas Instruments |
|
11 / 60 page ![]() TSB41BA3D www.ti.com ............................................................................................................................................... SLLS959A – DECEMBER 2008 – REVISED MARCH 2009 Table 1. Terminal Functions (continued) TERMINAL I/O DESCRIPTION PFP NAME TYPE NO. XI Crystal 27 I Crystal oscillator inputs. These terminals connect to a 49.152-MHz parallel-resonant XO 26 O fundamental-mode crystal. The optimum values for the external shunt capacitors depend on the specifications of the crystal used (see the crystal selection section in the TSB41AB3 IEEE 1394a-2000 Three-Port Cable Transceiver/Arbiter data sheet, SLLS418. XI is a 1.8-V CMOS input. Copyright © 2008–2009, Texas Instruments Incorporated Submit Documentation Feedback 11 Product Folder Link(s): TSB41BA3D |