| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LP3972 bảng dữ liệu(PDF) 55 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP3972 bảng dữ liệu(HTML) 55 Page - Texas Instruments |
|
55 / 59 page ![]() Device Package Type Package Drawing Pins SPQ Reel Diameter (mm) Reel Width W1 (mm) A0 (mm) B0 (mm) K0 (mm) P1 (mm) W (mm) Pin1 Quadrant LP3972SQX-A514 WQFN RSB 40 4500 330.0 12.4 5.3 5.3 1.3 8.0 12.0 Q1 LP3972SQX-A514/NOPB WQFN RSB 40 4500 330.0 12.4 5.3 5.3 1.3 8.0 12.0 Q1 LP3972SQX-E514 WQFN RSB 40 4500 330.0 12.4 5.3 5.3 1.3 8.0 12.0 Q1 LP3972SQX-E514/NOPB WQFN RSB 40 4500 330.0 12.4 5.3 5.3 1.3 8.0 12.0 Q1 LP3972SQX-I414/NOPB WQFN RSB 40 4500 330.0 12.4 5.3 5.3 1.3 8.0 12.0 Q1 LP3972SQX-I514 WQFN RSB 40 4500 330.0 12.4 5.3 5.3 1.3 8.0 12.0 Q1 LP3972SQX-I514/NOPB WQFN RSB 40 4500 330.0 12.4 5.3 5.3 1.3 8.0 12.0 Q1 *All dimensions are nominal Device Package Type Package Drawing Pins SPQ Length (mm) Width (mm) Height (mm) LP3972SQ-0514/NOPB WQFN RSB 40 1000 203.0 190.0 41.0 LP3972SQ-5810/NOPB WQFN RSB 40 1000 203.0 190.0 41.0 LP3972SQ-A413 WQFN RSB 40 1000 203.0 190.0 41.0 LP3972SQ-A413/NOPB WQFN RSB 40 1000 203.0 190.0 41.0 LP3972SQ-A514 WQFN RSB 40 1000 203.0 190.0 41.0 LP3972SQ-A514/NOPB WQFN RSB 40 1000 203.0 190.0 41.0 LP3972SQ-E514 WQFN RSB 40 1000 203.0 190.0 41.0 LP3972SQ-E514/NOPB WQFN RSB 40 1000 203.0 190.0 41.0 LP3972SQ-I414/NOPB WQFN RSB 40 1000 203.0 190.0 41.0 LP3972SQ-I514 WQFN RSB 40 1000 203.0 190.0 41.0 PACKAGE MATERIALS INFORMATION www.ti.com 19-Feb-2013 Pack Materials-Page 2 |