| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DP83849CVS/NOPB bảng dữ liệu(PDF) 87 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DP83849CVS/NOPB bảng dữ liệu(HTML) 87 Page - Texas Instruments |
|
87 / 101 page ![]() www.national.com 86 8.2.13 10 Mb/s Serial Mode Transmit Timing 8.2.14 10 Mb/s Serial Mode Receive Timing Note: RX_CLK may be held high for a longer period of time during transition between reference and recovered clocks. Minimum high and low times will not be violated. Parameter Description Notes Min Typ Max Units T2.13.1 TX_CLK High Time 10 Mb/s Serial mode 20 25 30 ns T2.13.2 TX_CLK Low Time 10 Mb/s Serial mode 70 75 80 ns T2.13.3 TXD_0, TX_EN Data Setup to TX_CLK rise 10 Mb/s Serial mode 25 ns T2.13.4 TXD_0, TX_EN Data Hold from TX_CLK rise 10 Mb/s Serial mode 0 ns Parameter Description Notes Min Typ Max Units T2.14.1 RX_CLK High/Low Time 35 50 65 ns T2.14.2 RX_CLK fall to RXD_0, RX_DV Delay 10 Mb/s Serial mode -10 10 ns TX_CLK TXD[0] TX_EN Valid Data T2.13.3 T2.13.4 T2.13.1 T2.13.2 RX_CLK RXD[0] RX_DV T2.14.2 T2.14.1 T2.14.1 Valid Data |