công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PC12311NIP0F bảng dữ liệu(PDF) 1 Page - Sharp Corporation

tên linh kiện PC12311NIP0F
Giải thích chi tiết về linh kiện  DIP 4pin Reinforced Insulation Type, High CMR, Low Input Current Photocoupler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SHARP [Sharp Corporation]
Trang chủ  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC12311NIP0F bảng dữ liệu(HTML) 1 Page - Sharp Corporation

  PC12311NIP0F Datasheet HTML 1Page - Sharp Corporation PC12311NIP0F Datasheet HTML 2Page - Sharp Corporation PC12311NIP0F Datasheet HTML 3Page - Sharp Corporation PC12311NIP0F Datasheet HTML 4Page - Sharp Corporation PC12311NIP0F Datasheet HTML 5Page - Sharp Corporation PC12311NIP0F Datasheet HTML 6Page - Sharp Corporation PC12311NIP0F Datasheet HTML 7Page - Sharp Corporation PC12311NIP0F Datasheet HTML 8Page - Sharp Corporation PC12311NIP0F Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
PC1231xNSZ0F
Series
■ Features
DIP 4pin Reinforced Insulation Type,
High CMR, Low Input Current
Photocoupler
1. 4pin DIP package
2. Double transfer mold package (Ideal for Flow Solder-
ing)
3. Low input current type (IF=0.5mA)
4. High resistance to noise due to high common rejec-
tion voltage (CMR : MIN. 10kV/
ms)
5. Reinforced insulation type (Isolation distance : MIN.
0.4mm)
6. Long creepage distance type (wide lead-form type
only : MIN. 8mm)
7. High isolation voltage between input and output
(Viso(rms) : 5.0kV)
8. RoHS directive compliant
■ Description
PC1231xNSZ0F Series contains an IRED optically
coupled to a phototransistor.
It is packaged in a 4-pin DIP, available in wide-lead
spacing option and SMT gullwing lead-form option.
Input-output isolation voltage(rms) is 5.0kV.
CTR is 50% to 400% at input current of 0.5mA.
1
Sheet No.: D2-A02903
FEN
Date Jun. 30. 2005
© SHARP Corporation
Notice The content of data sheet is subject to change without prior notice.
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
PC1231xNSZ0F Series
1. Recognized by UL1577 (Double protection isolation),
file No. E64380 (as model No. PC1231)
2. Approved by BSI, BS-EN60065, file No. 7087, BS-
EN60950, file No. 7409, (as model No. PC1231)
3. Approved by SEMCO, EN60065, EN60950, file No.
9933036 (as model No. PC1231)
4. Approved by DEMCO, EN60065, EN60950, file No.
99-03814 (as model No. PC1231)
5. Approved by NEMKO, EN60065, EN60950, file No.
P99102251 (as model No. PC1231)
6. Approved by FIMKO, EN60065, EN60950, file No.
13986 (as model No. PC1231)
7. Recognized by CSA file No. CA095323 (as model
No. PC1231)
8. Approved by VDE, DIN EN60747-5-2
(
*) (as an op-
tion), file No. 40008087(as model No. PC1231)
9. Package resin : UL flammability grade (94V-0)
(
*)DIN EN60747-5-2 : successor standard of DIN VDE0884
■ Agency approvals/Compliance
1. Primary to secondary isolation in switch mode power
supply
2. Noise suppression in switching circuit
3. Signal transmission between circuits of different po-
tentials and impedances
4. Over voltage detection
■ Applications


Số phần tương tự - PC12311NIP0F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sharp Corporation
PC12311YFZ0X SHARP-PC12311YFZ0X Datasheet
585Kb / 17P
PC1231xxFZ0X Series Photocoupler
More results

Mô tả tương tự - PC12311NIP0F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sharp Corporation
PC123FY2J00F SHARP-PC123FY2J00F Datasheet
333Kb / 16P
DIP 4pin Reinforced Insulation Type Photocoupler
PC123XNNSZ0F SHARP-PC123XNNSZ0F Datasheet
287Kb / 16P
DIP 4pin Reinforced Insulation Type Photocoupler
PC123CJ0000F SHARP-PC123CJ0000F Datasheet
333Kb / 16P
DIP 4pin Reinforced Insulation Type Photocoupler
PC123Y22J00F SHARP-PC123Y22J00F Datasheet
294Kb / 16P
DIP 4pin Reinforced Insulation Type Photocoupler
PC81710NSZ0F SHARP-PC81710NSZ0F Datasheet
230Kb / 14P
DIP 4pin High CMR, Low Input Current Photocoupler
Date Jun. 30. 2005
PC123F1J000F SHARP-PC123F1J000F Datasheet
333Kb / 16P
DIP 4pin Reinforced Insulation Type Photocoupler
PC123B SHARP-PC123B Datasheet
280Kb / 16P
DIP 4pin Reinforced Insulation Type Photocoupler
PC123FY8J00F SHARP-PC123FY8J00F Datasheet
333Kb / 16P
DIP 4pin Reinforced Insulation Type Photocoupler
PC81713NSZ0F SHARP-PC81713NSZ0F Datasheet
230Kb / 14P
DIP 4pin High CMR, Low Input Current Photocoupler
Date Jun. 30. 2005
PC123P2 SHARP-PC123P2 Datasheet
280Kb / 16P
DIP 4pin Reinforced Insulation Type Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com