công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PX067563 bảng dữ liệu(PDF) 9 Page - List of Unclassifed Manufacturers

tên linh kiện PX067563
Giải thích chi tiết về linh kiện  EN60 320-1 Standard Sheet C13 Class I Rewirable Cold Condition
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

PX067563 bảng dữ liệu(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button PX067563 Datasheet HTML 5Page - List of Unclassifed Manufacturers PX067563 Datasheet HTML 6Page - List of Unclassifed Manufacturers PX067563 Datasheet HTML 7Page - List of Unclassifed Manufacturers PX067563 Datasheet HTML 8Page - List of Unclassifed Manufacturers PX067563 Datasheet HTML 9Page - List of Unclassifed Manufacturers PX067563 Datasheet HTML 10Page - List of Unclassifed Manufacturers PX067563 Datasheet HTML 11Page - List of Unclassifed Manufacturers PX067563 Datasheet HTML 12Page - List of Unclassifed Manufacturers PX067563 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
www.elektron-bulgin.com
81
IEC CONNECTORS
EN60 320-1 Standard Sheet C14 Class I Cold Condition (Fused)
PF0011/10/28
PF0011/10/PC
Single Fuse 5 x 20mm
Spare Fuse Facility
Panel Sizes 1, 1.5, 2.0 or
3.0mm
2.8, 4.8 or 6.3mm Tabs
10A, 250V a.c.
Single Fuse 5 x 20mm
Spare Fuse Facility
Panel Sizes 1, 1.5, 2.0 or
3.0mm
PC Spills
10A, 250V a.c.
Specification
PF0011/Panel/Term/Col
PF0011/Panel/PC/Col
Fixing(Panel):
Snap fit, /10 (1mm), /15 (1.5mm),
Snap fit, /10 (1mm), /15 (1.5mm),
/20 (2mm), /30 (3mm)
/20 (2mm), /30 (3mm)
Terminations:
/28 (2.8mm solder), /48 (4.8mm tab)
P.C. Spills
/63 (6.3mm tab)
Colours:
No suffix (Black), /WH (White), /GY (Grey)
No suffix (Black), /WH (White), /GY (Grey)
Max. Rating:
10A, 250V a.c.
10A, 250V a.c.
Max. Fuse Rating:
2.5W/10A, 250V a.c
2.5W/10A, 250V a.c
Contact Resistance:
<10m
Ω (<15mΩ including
<10m
Ω (<15mΩ including
Fuseholder)
Fuseholder)
Insulation Resistance:
>103 M
Ω
>103 M
Ω
A.C. Breakdown:
Pole-Pole 5.5kV. Poles-Panel 4kV
Pole-Pole 5.5kV. Poles-Panel 4kV
Operating Temp. Range:
–40˚C to +70˚C
–40˚C to +70˚C
Max. Pin Temp.:
+70˚C
+70˚C
Mouldings:
Nylon, Flammability Rating UL94V-0
Nylon, Flammability Rating UL94V-0
Contacts:
Brass: Pins, Nickel Plated. Tabs, Tin
Brass: Pins, Nickel Plated. Spills, Tin
Plated
Plated
Approvals:
Accessories / Notes:
P.No. 11987 (See Page 97)
Mating Connectors:
PX0587, PX0587/SE, PX0588
PX0587, PX0587/SE, PX0588
Compliant
Compliant
SNAP FIT TO PANEL FUSED INLET
PC SNAP FIT TO PANEL FUSED INLET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com