công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PX067563 bảng dữ liệu(PDF) 21 Page - List of Unclassifed Manufacturers

tên linh kiện PX067563
Giải thích chi tiết về linh kiện  EN60 320-1 Standard Sheet C13 Class I Rewirable Cold Condition
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

PX067563 bảng dữ liệu(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button PX067563 Datasheet HTML 17Page - List of Unclassifed Manufacturers PX067563 Datasheet HTML 18Page - List of Unclassifed Manufacturers PX067563 Datasheet HTML 19Page - List of Unclassifed Manufacturers PX067563 Datasheet HTML 20Page - List of Unclassifed Manufacturers PX067563 Datasheet HTML 21Page - List of Unclassifed Manufacturers PX067563 Datasheet HTML 22Page - List of Unclassifed Manufacturers PX067563 Datasheet HTML 23Page - List of Unclassifed Manufacturers PX067563 Datasheet HTML 24Page - List of Unclassifed Manufacturers PX067563 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
www.elektron-bulgin.com
PX0596
PX0598
6.3mm or 4.8mm Tabs
16A, 250V a.c.
(20A, 250V a.c. UL and CSA)
Fits panel sizes 1, 1.5, 2.0
or 3.0mm
6.3mm or 4.8mm Tabs
16A, 250V a.c.
(20A, 250V a.c. UL and CSA)
C20 FLANGE MOUNT INLET
C20 SNAP FIT TO PANEL INLET
EN60 320-1 Standard Sheet C19 Class I & Standard Sheet C20 Class I Cold Condition
PX0599
Rewirable Screw Terminals
16A, 250V a.c.
(20A, 250V a.c. UL and CSA)
Wire Sizes (max);
3 x 2.5mm2, 3 x 12AWG
Overall cable diameter up to
12mm
C19 STRAIGHT FEMALE CABLE CONNECTOR
Specification
PX0599
PX0596/Termination
PX0598/Panel/Termination
Fixing (Panel):
-
Flange
Snap Fit, /10 (1mm), /15 (1.5mm),
/20 (2mm), /30 (3mm)
Terminations:
Screw Terminals
/63 (6.3mm tab), /48 (4.8mm tab)
/63 (6.3mm tab), /48 (4.8mm tab)
Max. Rating:
16A, 250V ac
16A, 250V ac
16A, 250V ac
20A, 250V ac UL and CSA
20A, 250V ac UL and CSA
20A, 250V ac UL and CSA
Insulation Resistance:
>5M
Ω
>106M
Ω
>106M
Ω
Dielectric Strength
Between contacts:
1.5kV ac
1.5kV ac
1.5kV ac
Between contacts &
accessible surfaces:
3kV ac
3kV ac
3kV ac
Operating Temp. Range:
–40ºC to +70ºC
–40ºC to +70ºC
–40ºC to +70ºC
Max. Pin Temp.:
-
70ºC
70ºC
Withdrawal Force:
15N Min, 60N Max.
--
Mouldings:
Nylon, Flammability Rating UL94V-0
Nylon, Flammability Rating UL94V-0
Nylon, Flammability Rating UL 94V-0
Contacts:
Brass, Clean
Pins: Brass, Nickel Plated
Pins: Brass, Nickel Plated
Tabs: Brass, Tin Plated
Tabs: Brass, Tin Plated
Approvals:
Mating Connectors:
C20 Inlets; PX0596 Flange and
PX0599 Rewirable Connector
PX0599 Rewirable Connector
PX0598 Snapfit
Accessories:
KT0012, P.No. 14064
P.No. 14064 (see Page 97)
(see Pages 95 & 97)
Compliant
Compliant
Compliant
93
IEC CONNECTORS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com