công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT45DB321D-MU bảng dữ liệu(PDF) 43 Page - List of Unclassifed Manufacturers

tên linh kiện AT45DB321D-MU
Giải thích chi tiết về linh kiện  32Mb, 2.5V or 2.7V DataFlash
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB321D-MU bảng dữ liệu(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button AT45DB321D-MU Datasheet HTML 39Page - List of Unclassifed Manufacturers AT45DB321D-MU Datasheet HTML 40Page - List of Unclassifed Manufacturers AT45DB321D-MU Datasheet HTML 41Page - List of Unclassifed Manufacturers AT45DB321D-MU Datasheet HTML 42Page - List of Unclassifed Manufacturers AT45DB321D-MU Datasheet HTML 43Page - List of Unclassifed Manufacturers AT45DB321D-MU Datasheet HTML 44Page - List of Unclassifed Manufacturers AT45DB321D-MU Datasheet HTML 45Page - List of Unclassifed Manufacturers AT45DB321D-MU Datasheet HTML 46Page - List of Unclassifed Manufacturers AT45DB321D-MU Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
43
AT45DB321D [DATASHEET]
3597T–DFLASH–11/2013
24.
Ordering Information
Ordering Code Detail
Green Package Options (Pb/Halide-free/RoHS Compliant)
Notes: 1.
The shipping carrier option is not marked on the devices.
2.
Standard parts are shipped with the page size set to 528 bytes.
The user is able to configure these parts to a 512-byte page size, if desired.
3.
Parts ordered with suffix SL954 are shipped in bulk, with the page size set to 512 bytes.
Parts will have “954” or “SL954” marked on them.
4.
Parts ordered with suffix SL955 are shipped in tape and reel, with the page size set to 512 bytes.
Parts will have “955” or “SL955” marked on them.
Ordering Code(1)(2)
Package
Lead Finish
Operating
Voltage
fSCK (MHz)
Operation Range
AT45DB321D-MU
AT45DB321D-MU-SL954(3)
AT45DB321D-MU-SL955(4)
8M1-A
Matte Sn
2.7V to 3.6V
66
Industrial
(-40
C to 85C)
2.7V to 3.6V
AT45DB321D-MWU
AT45DB321D-MWU-SL954(3)
AT45DB321D-MWU-SL955(4)
8MW
AT45DB321D-SU
AT45DB321D-SU-SL954(3)
AT45DB321D-SU-SL955(4)
8S2
AT45DB321D-TU
28T
AT45DB321D-CU
24C3
Matte Sn
2.7V to 3.6V
66
AT45DB321D-MU-2.5
8M1-A
Matte Sn
2.5V to 3.6V
50
AT45DB321D-SU-2.5
8S2
Package Type
8M1-A
8-pad, 6 x 5 x 1.0mm, very thin micro lead-frame package MLF™ (VDFN)
8MW
8-pad, 8 x 6 x 1.0mm, very thin micro lead-frame package MLF (VDFN)
8S2
8-lead, 0.209in-wide, plastic gull wing small outline package (EIAJ SOIC)
28T
28-lead, 8mm x 13.4mm, plastic thin small outline package, type I (TSOP)
24C3
24-ball, 6mm x 8mm x 1.4mm ball grid array with a 1mm pitch 5 x 5 ball matrix
AT 4 5 D
3 2
MW U
1D–
B
Designator
Product Family
Device Density
32 = 32-megabit
Interface
1 = Serial
Package Option
M
=
8-pad, 6 x 5 x 1mm MLF (VDFN)
MW
=
8-pad, 8 x 6 x 1mm MLF (VDFN)
S
=
8-lead, 0.209" wide SOIC
T
=
28-lead, TSOP
Device Grade
U = Matte Sn lead finish, industrial
temperature range (-40°C to +85°C)
Device Revision
C
=
24 Ball BGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com