công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT45DB321D-MU bảng dữ liệu(PDF) 16 Page - List of Unclassifed Manufacturers

tên linh kiện AT45DB321D-MU
Giải thích chi tiết về linh kiện  32Mb, 2.5V or 2.7V DataFlash
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB321D-MU bảng dữ liệu(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button AT45DB321D-MU Datasheet HTML 12Page - List of Unclassifed Manufacturers AT45DB321D-MU Datasheet HTML 13Page - List of Unclassifed Manufacturers AT45DB321D-MU Datasheet HTML 14Page - List of Unclassifed Manufacturers AT45DB321D-MU Datasheet HTML 15Page - List of Unclassifed Manufacturers AT45DB321D-MU Datasheet HTML 16Page - List of Unclassifed Manufacturers AT45DB321D-MU Datasheet HTML 17Page - List of Unclassifed Manufacturers AT45DB321D-MU Datasheet HTML 18Page - List of Unclassifed Manufacturers AT45DB321D-MU Datasheet HTML 19Page - List of Unclassifed Manufacturers AT45DB321D-MU Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
16
AT45DB321D [DATASHEET]
3597T–DFLASH–11/2013
8.1.2
Reading the Sector Lockdown Register
The sector lockdown register can be read to determine which sectors in the memory array are permanently locked down. To
read the sector lockdown register, the CS pin must first be asserted. Once the CS pin has been asserted, an opcode of 35H and
three dummy bytes must be clocked into the device via the SI pin. After the last bit of the opcode and dummy bytes has been
clocked in, the data for the content of the sector lockdown register will be clocked out on the SO pin. The first byte corresponds
to sector 0 (0a, 0b) the second byte corresponds to sector 1, and the last byte (byte 16) corresponds to sector 15. After the last
byte of the sector lockdown register has been read, additional pulses on the SCK pin will simply result in undefined data being
output on the SO pin.
Deasserting the CS pin will terminate the read sector lockdown register operation and put the SO pin into a high-impedance
state.
Table 8-4 details the values read from the sector lockdown register.
Table 8-4.
Sector Lockdown Register
Command
Byte 1
Byte 2
Byte 3
Byte 4
Note:
xx = Dummy byte.
Figure 8-2. Read Sector Lockdown Register
8.2
Security Register
The device contains a specialized security register that can be used for purposes such as unique device serialization or locked
key storage. The register is comprised of a total of 128 bytes that are divided into two portions. The first 64 bytes (byte locations
0 through 63) of the security register are allocated as a one-time user programmable space. Once these 64 bytes have been
programmed, they cannot be reprogrammed. The remaining 64 bytes of the register (byte locations 64 through 127) are factory
programmed by Adesto, and contain a unique value for each device. The factory programmed data are fixed and cannot be
changed.
Table 8-5.
Security Register
Security Register Byte Number
0
1
· · ·
62
63
64
65
· · ·
126
127
Read sector lockdown register
35H
xxH
xxH
xxH
Opcode
X
X
X
Data byte
n
Data byte
n + 1
CS
Data byte
n + 63
SI
SO
Each transition
represents 8 bits
Data type
One-time user programmable
Adesto factory programmed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com