công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UHDMFTC72BK bảng dữ liệu(PDF) 5 Page - Hammond Manufacturing Ltd.

tên linh kiện UHDMFTC72BK
Giải thích chi tiết về linh kiện  Armoire autoportante modulaire pour coupe-circuit en acier doux de type 12
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HAMMOND [Hammond Manufacturing Ltd.]
Trang chủ  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

UHDMFTC72BK bảng dữ liệu(HTML) 5 Page - Hammond Manufacturing Ltd.

  UHDMFTC72BK Datasheet HTML 1Page - Hammond Manufacturing Ltd. UHDMFTC72BK Datasheet HTML 2Page - Hammond Manufacturing Ltd. UHDMFTC72BK Datasheet HTML 3Page - Hammond Manufacturing Ltd. UHDMFTC72BK Datasheet HTML 4Page - Hammond Manufacturing Ltd. UHDMFTC72BK Datasheet HTML 5Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Master Enclosures
Part No.
Overall Dimensions
Ship Wt.
Description
A
B
C
D
E
F
G
H
I
K
(lbs)
UHDM724118MFTC
72.13
40.75
18.13
60.00 33.75
9.06
38.06 63.13 36.50 34.75
506
Single Door Disconnect
UHDM844118MFTC
84.13
40.75
18.13
72.00 33.75
9.06
44.06 75.13 36.50 34.75
573
Left side open
UHDM844124MFTC
84.13
40.75
24.13
72.00 33.75 12.06 44.06 75.13 36.50 34.75
658
UHDM727918MFTC
72.13
79.00
18.13
60.00 72.00
9.06
38.06 63.13 36.50 34.75
918
Two Door Disconnect
UHDM847918MFTC
84.13
79.00
18.13
72.00 72.00
9.06
44.06 75.13 36.50 34.75
1050
Left side open
UHDM847924MFTC
84.13
79.00
24.13
72.00 72.00 12.06 44.06 75.13 36.50 34.75
1150
Slave Enclosures
Part No.
Overall Dimensions
Ship Wt.
Description
A
B
C
D
E
F
G
H
I
K
(lbs)
UHDM724118SFTC
72.13
40.25
18.13
60.00 33.75
9.06
38.06 63.13 36.50 34.75
473
Single Door Slave
UHDM844118SFTC
84.13
40.25
18.13
72.00 33.75
9.06
44.06 75.13 36.50 34.75
550
Both sides open
UHDM844124SFTC
84.13
40.25
24.13
72.00 33.75 12.06 44.06 75.13 36.50 34.75
570
UHDM727818SFTC
72.13
78.50
18.13
60.00 72.00
9.06
38.06 63.13 36.50 34.75
888
Two Door Slave
UHDM847818SFTC
84.13
78.50
18.13
72.00 72.00
9.06
44.06 75.13 36.50 34.75
1010
Both sides open
UHDM847824SFTC
84.13
78.50
24.13
72.00 72.00 12.06 44.06 75.13 36.50 34.75
1060
Accessories
Part No.
A
B
C
Description
UHDM7218ECA
71.86
17.87
-
Formed end plate with mounting hardware
UHDM8418ECA
83.87
17.87
-
Formed end plate with mounting hardware
UHDM8424ECA
83.87
23.87
-
Formed end plate with mounting hardware
UHDM7218EPA
71.87
17.87
-
Flat end plate with mounting hardware
UHDM8418EPA
83.87
17.87
-
Flat end plate with mounting hardware
UHDM8424EPA
83.87
23.87
-
Flat end plate with mounting hardware
UHDM7218BPA
71.87
17.87
-
Flat barrier plate with mounting hardware
UHDM8418BPA
83.87
17.87
-
Flat barrier plate with mounting hardware
UHDM8424BPA
83.87
21.87
-
Flat barrier plate with mounting hardware
UHDMFTC72BK
-
-
60.00
Inner panel bridge kit
UHDMFTC84BK
-
-
72.00
Inner panel bridge kit
Les données sont sujettes à changement sans préavis.
© 2014. Hammond Manufacturing Ltd. Tous droits réservés.



Html Pages

1 2 3 4 5