| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EM78P459AM bảng dữ liệu(PDF) 66 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM78P459AM bảng dữ liệu(HTML) 66 Page - ELAN Microelectronics Corp |
|
66 / 76 page ![]() EM78P458/459 OTP ROM Typical ICC3 and ICC4 vs. Temperature 0.5 0.7 0.9 1.1 1.3 1.5 1.7 1.9 0 102030 40506070 Temperature (℃) Typ ICC4 Typ ICC3 Fig. 38 Typical Operating Current(ICC3 and ICC4) vs. Temperature Maximum ICC3 and ICC4 vs. Temperature 1 1.2 1.4 1.6 1.8 2 2.2 0 102030 40506070 Temperature ( ℃) Max ICC4 Max ICC3 Fig. 39 Maximum Operating Current(ICC3 and ICC4) vs. Temperature Two conditions exist with the standby current ISB1 and ISB2. these conditions are as follow: ISB1:VDD=5V, WDT disable ISB2:VDD=5V, WDT enable This specification is subject to change without prior notice. 06.25.2004 (V1.4) 66 |