| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EM78P459AM bảng dữ liệu(PDF) 25 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM78P459AM bảng dữ liệu(HTML) 25 Page - ELAN Microelectronics Corp |
|
25 / 76 page ![]() EM78P458/459 OTP ROM PCRD M U X IOD 0 1 PDRD P60 ~ P67 PCWR D Q Q _ CLK P R C L PDWR D Q Q _ CLK P R C L P R C L CLK DQ Q _ TI n PORT NOTE: Pull-high (down) and Open-drain are not shown in the figure. Fig. 8 The Circuit of I/O Port and I/O Control Register for P60~P67 /SLEP T17 T10 T11 IOCE.1 Interrupt ENI Instruction DISI Instruction Interrupt (Wake-up from SLEEP) Next Instruction (Wake-up from SLEEP) CLK CLK CLK Q Q Q Q Q Q _ _ _ D D D P P P L L L R R R C C C RE.1 Fig. 9 Block Diagram of Port 6 with Input Changed Interrupt/Wake-up This specification is subject to change without prior notice. 06.25.2004 (V1.4) 25 |