công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EM83040B bảng dữ liệu(PDF) 7 Page - ELAN Microelectronics Corp

tên linh kiện EM83040B
Giải thích chi tiết về linh kiện  LCD CONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EMC [ELAN Microelectronics Corp]
Trang chủ  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM83040B bảng dữ liệu(HTML) 7 Page - ELAN Microelectronics Corp

Back Button EM83040B Datasheet HTML 3Page - ELAN Microelectronics Corp EM83040B Datasheet HTML 4Page - ELAN Microelectronics Corp EM83040B Datasheet HTML 5Page - ELAN Microelectronics Corp EM83040B Datasheet HTML 6Page - ELAN Microelectronics Corp EM83040B Datasheet HTML 7Page - ELAN Microelectronics Corp EM83040B Datasheet HTML 8Page - ELAN Microelectronics Corp EM83040B Datasheet HTML 9Page - ELAN Microelectronics Corp EM83040B Datasheet HTML 10Page - ELAN Microelectronics Corp EM83040B Datasheet HTML 11Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7
* This specification are subject to be changed without notice.
9.14.2001
EM83040B
LCD CONTROLLER
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
RAMD(3:0) are data or address of RAM. At the address mode, RAMADS is low and user should sent address
three times, from address (11:8) to address (3:0). Then it will go into data mode when RAMADS is high. In data
mode, user can sent one or more nibble data which address can be increased by internal counter.
Once the RAMEN pin is high, the RAM can not read and write.
(4) Read control
RAMEN
RAMADS
RAMD(3:0)
RAMW
RAMR
A3
A2
A1
D1
D2
D3
RAM enable
RAM disable
ADDRESS
DATA
A3=address (11:8)
A2=address(7:4)
A1=address(3:0)
Ten
Tdv
Tdh
Tdd
FIG. 4
As same as write mode, user has to sent address three times. And read data from RAM one by one which address
can be increased by internal counter. Note!! Be sure to make RAMR low pulse 2uS (Tdv +data) width and 2uS
(Tdd) high width at least.
(5) RAM mapping
RAM address is from 0 to address 2562
User fill “1” to LCD RAM, LCD driver will generate “light” waveform. Otherwise, it will generate a “dark”
waveform. The LCD RAM area is mapped to segment 1 to segment 80 from address 0 to address 19. And user
can refer to fig.5 and Table 1 to get the idea of LCD ram mapping. The other RAM can use as general RAM for
data storage if not mapping to LCD display. And the RAM of address 2560, 2561 and 2562 is control registers.
Table 1: LCD mapping RAM area
Common
Segment
Master/slave
Display area
32
48
Master
1,2,3
32
80
Slave
1,2,3,4
48
32
Master
1,2,5,6
48
80
Slave
1,2,3,4,5,6,7
64
16
Master
1,5,8
64
80
Slave
1,2,3,4,5,6,7,8,9
80
0
Master
No mapping RAM
80
80
Slave
1,2,3,4,5,6,7,8,9,10
Any
Any
Any
Area 11 is general RAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com