công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EM83040B bảng dữ liệu(PDF) 5 Page - ELAN Microelectronics Corp

tên linh kiện EM83040B
Giải thích chi tiết về linh kiện  LCD CONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EMC [ELAN Microelectronics Corp]
Trang chủ  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM83040B bảng dữ liệu(HTML) 5 Page - ELAN Microelectronics Corp

  EM83040B Datasheet HTML 1Page - ELAN Microelectronics Corp EM83040B Datasheet HTML 2Page - ELAN Microelectronics Corp EM83040B Datasheet HTML 3Page - ELAN Microelectronics Corp EM83040B Datasheet HTML 4Page - ELAN Microelectronics Corp EM83040B Datasheet HTML 5Page - ELAN Microelectronics Corp EM83040B Datasheet HTML 6Page - ELAN Microelectronics Corp EM83040B Datasheet HTML 7Page - ELAN Microelectronics Corp EM83040B Datasheet HTML 8Page - ELAN Microelectronics Corp EM83040B Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
* This specification are subject to be changed without notice.
9.14.2001
EM83040B
LCD CONTROLLER
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
PIN DESCRIPTIONS
Symbol
I/O
Function
VDD
Power
System power supply
GND
Power
Ground
VOUT
Power
Voltage converter input/output pin
Connect this pin to GND through capacitor
EN=1,VOUT=VDD
VSS4
Power
Step-up capacitor
EN=1, VSS4=VDD
VSS3
Power
Step-up capacitor
EN=1, VSS3=VDD
VSS2+
Power
Step-up capacitor
EN=1, VSS2=VDD
VSS2-
Power
Step-up capacitor
VREG
Power
Output voltage regulator terminal. Provides the voltage between V1 and GND
through a resistive voltage divider.
MAIN
I
Master or slave control signal.
MAIN=1, master unit
MAIN=0, slave unit
EN
I
This pin control whole chip power. This chip will work when this pin is connected
to ground. And whole chip will disable when connect to VDD voltage.
EN=0 and MAIN=1 the chip will generate VSS2+, VSS2-
VSS3, VSS4, VOUT, LOAD signal and internal RC clock.
EN=1, standby mode
M1
I
Mode select
M0
I
Mode select
RAMEN
RAM read and write control signal.
1 => can not read and write. 0=> can read and write.
RAMADS
RAM data select signal
1=> RAM Data, 0=>Address
RAMW
RAM write signal, low write
RAMR
RAM read signal, low read
RAMD3~RAM
RAM data or address bus
D0
LOAD
I/O
LCD load signal between one COMMON signal to another.
MAIN=1, the master unit will output LOAD signal.
MAIN=0, the slave will accept the signal from master unit.
CA
I
Coupling capacitor
CB
I
Coupling capacitor
V1~V5
I
Reference voltage input, highest V1
°K lowest V5
O1~O80
O
LCD waveform output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com