công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

A2F200 bảng dữ liệu(PDF) 69 Page - Microsemi Corporation

tên linh kiện A2F200
Giải thích chi tiết về linh kiện  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROSEMI [Microsemi Corporation]
Trang chủ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A2F200 bảng dữ liệu(HTML) 69 Page - Microsemi Corporation

Back Button A2F200 Datasheet HTML 65Page - Microsemi Corporation A2F200 Datasheet HTML 66Page - Microsemi Corporation A2F200 Datasheet HTML 67Page - Microsemi Corporation A2F200 Datasheet HTML 68Page - Microsemi Corporation A2F200 Datasheet HTML 69Page - Microsemi Corporation A2F200 Datasheet HTML 70Page - Microsemi Corporation A2F200 Datasheet HTML 71Page - Microsemi Corporation A2F200 Datasheet HTML 72Page - Microsemi Corporation A2F200 Datasheet HTML 73Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 197 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
Re vi s i on 12
2 - 57
Timing Characteristics
VersaTile Specifications as a Sequential Module
The SmartFusion library offers a wide variety of sequential cells, including flip-flops and latches. Each
has a data input and optional enable, clear, or preset. In this section, timing characteristics are presented
for a representative sample from the library. For more details, refer to the IGLOO/e, Fusion, ProASIC3/E,
and SmartFusion Macro Library Guide
.
Table 2-78 • Combinatorial Cell Propagation Delays
Worst Commercial-Case Conditions: TJ = 85°C, Worst-Case VCC = 1.425 V
Combinatorial Cell
Equation
Parameter
–1
Std.
Units
INV
Y = !A
tPD
0.41
0.49
ns
AND2
Y = A · B
tPD
0.48
0.57
ns
NAND2
Y = !(A · B)
tPD
0.48
0.57
ns
OR2
Y = A + B
tPD
0.49
0.59
ns
NOR2
Y = !(A + B)
tPD
0.49
0.59
ns
XOR2
Y = A
⊕ BtPD
0.75
0.90
ns
MAJ3
Y = MAJ(A, B, C)
tPD
0.71
0.85
ns
XOR3
Y = A
⊕ B ⊕ CtPD
0.89
1.07
ns
MUX2
Y = A !S + B S
tPD
0.51
0.62
ns
AND3
Y = A · B · C
tPD
0.57
0.68
ns
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-7 on page 2-9 for
derating values.
Figure 2-25 • Sample of Sequential Cells
DQ
DFN1
Data
CLK
Out
D
Q
DFN1C1
Data
CLK
Out
CLR
DQ
DFI1E1P1
Data
CLK
Out
En
PRE
D
Q
DFN1E1
Data
CLK
Out
En



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com