công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

G800SMP425 bảng dữ liệu(PDF) 13 Page - List of Unclassifed Manufacturers

tên linh kiện G800SMP425
Giải thích chi tiết về linh kiện  INDUSTRY STANDARDS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

G800SMP425 bảng dữ liệu(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button G800SMP425 Datasheet HTML 8Page - List of Unclassifed Manufacturers G800SMP425 Datasheet HTML 9Page - List of Unclassifed Manufacturers G800SMP425 Datasheet HTML 10Page - List of Unclassifed Manufacturers G800SMP425 Datasheet HTML 11Page - List of Unclassifed Manufacturers G800SMP425 Datasheet HTML 12Page - List of Unclassifed Manufacturers G800SMP425 Datasheet HTML 13Page - List of Unclassifed Manufacturers G800SMP425 Datasheet HTML 14Page - List of Unclassifed Manufacturers G800SMP425 Datasheet HTML 15Page - List of Unclassifed Manufacturers G800SMP425 Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Spec-00539 F
Wall-Mount EnclosurEs FUSION G7™ aNd acceSSOrIeS
EQUIPMENT PROTECTION SOLUTIONS
SUBJECT TO CHANGE WITHOUT NOTICE
Mild stEEl
13
scrEW packaGE
5-mm screws for FUSION G7™ internal accessories. Package of 20.
Bulletin: A4GY
Catalog Number
Description
Pkg. Qty.
GSM5
5-mm screw M5 x 0.8 x 10
20
panEl MountinG BrackEts
Package includes four mounting brackets, four M8 nuts and eight
5-mm screws.
Bulletin: A4GY
Catalog Number
Description
GSMRBKTS
Panel mounting brackets; fit side-mount accessory rails
Full-WidtH top and BottoM MountinG-BrackEt
kits WitH studs
Use to mount FUSION G7™ to a wall or another enclosure. Includes
two 2.5-mm thick (12 gauge) steel external mounting brackets and
mounting hardware. Finished with RAL 7035 textured light-gray
polyester powder paint.
Mounting brackets are required to maintain UL/CSA external mounting
requirement.
Bulletin: A4GY
39 mm
1.55
17 mm
.67
S
L
11 mm
.41
5 mm
.19
M10 X 25
89000901
Catalog Number
Fits B (mm)
Fits B (in.)
L (mm)
L (in.)
S (mm)
S (in.)
GTBMTBKT300
300
11.81
296
11.65
262
10.31
GTBMTBKT400
400
15.75
396
15.59
362
14.25
GTBMTBKT500
500
19.68
496
19.53
462
18.19
GTBMTBKT600
600
23.62
596
23.46
562
22.12
GTBMTBKT800
800
31.50
796
31.34
762
30.00
GTBMTBKT900
900
35.43
896
35.62
862
33.93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com