| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AP-SAFD255AA032GS-T bảng dữ liệu(PDF) 5 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AP-SAFD255AA032GS-T bảng dữ liệu(HTML) 5 Page - List of Unclassifed Manufacturers |
|
5 / 19 page ![]() Serial ATA Flash Drive AP-SAFD255AXxxxxS-XXT 4 © 2011 Apacer Technology Inc. Rev. 1.2 1.3 ATA Mode Support The SAFD 255 provides ATA mode support as follows: Up to PIO mode-4 Up to Multiword DMA mode-2 Up to UDMA mode-5 1.4 Capacity Specification Capacity specification of the SAFD 255 product family is available as shown in Table 1-1. It lists the specific capacity, the default numbers of logical cylinders and heads, and the number of logical sectors per track for each product line. Table 1-1 Capacity specification Capacity Total Bytes* Cylinders Heads Sectors Max LBA** 8 GB 7,913,816,064 15,334 16 63 15,456,672 16 GB 15,842,017,280 16,383 16 63 30,941,440 32 GB 31,675,645,952 16,383 16 63 61,866,496 64 GB 63,351,160,832 16,383 16 63 123,732,736 *Display of total bytes varies from file systems. **Cylinders, heads or sectors are not applicable for these capacities. Only LBA addressing applies. 1.5 Performance Performance of the SAFD 255 is shown in Table 1-2. Table 1-2 Performance specification Capacity Performance 8GB 16GB 32GB 64GB Sustained Read (MB/s) 230 230 230 230 Sustained Write (MB/s) 85 180 170 175 Note: Performance varies from flash configurations. |