công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AP-SAFD255AA032GS-T bảng dữ liệu(PDF) 2 Page - List of Unclassifed Manufacturers

tên linh kiện AP-SAFD255AA032GS-T
Giải thích chi tiết về linh kiện  Serial ATA Flash Drive
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

AP-SAFD255AA032GS-T bảng dữ liệu(HTML) 2 Page - List of Unclassifed Manufacturers

  AP-SAFD255AA032GS-T Datasheet HTML 1Page - List of Unclassifed Manufacturers AP-SAFD255AA032GS-T Datasheet HTML 2Page - List of Unclassifed Manufacturers AP-SAFD255AA032GS-T Datasheet HTML 3Page - List of Unclassifed Manufacturers AP-SAFD255AA032GS-T Datasheet HTML 4Page - List of Unclassifed Manufacturers AP-SAFD255AA032GS-T Datasheet HTML 5Page - List of Unclassifed Manufacturers AP-SAFD255AA032GS-T Datasheet HTML 6Page - List of Unclassifed Manufacturers AP-SAFD255AA032GS-T Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-SAFD255AA032GS-T Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-SAFD255AA032GS-T Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Serial ATA Flash Drive
AP-SAFD255AXxxxxS-XXT
1
© 2011 Apacer Technology Inc.
Rev. 1.2
Features:
Standard Serial ATA 2.6 (Gen. 2)
–
Serial ATA 2.6 (Gen. 2)
–
SATA II, 3.0 Gbps
–
ATA-compatible command set
Capacities
–
8, 16, 32, 64 GB
Performance*
–
Burst read/write: 300 MB/sec
–
Sustained read: up to 230 MB/sec
–
Sustained write: up to 175 MB/sec
Intelligent endurance design
–
Built-in hardware ECC, enabling up to
14/28 bit correction per 1K bytes
–
Static wear-leveling scheme together
with dynamical block allocation to
significantly increase the lifetime of a
flash device and optimize the disk
performance
–
Flash bad-block management
–
S.M.A.R.T.
–
Power Failure Management
–
ATA Secure Erase
–
Trim
NAND Flash Type: SLC
Zero power data retention
–
No battery required for data storage
Temperature ranges
–
Operation:
Standard: 0°C to 70°C
Extended Temperature: -40°C to 85°C
–
Storage: -40°C to 100°C
Supply voltage
–
5.0 V ± 5%
Low power consumption*
–
Active mode: 535 mA@5.0 V
–
Idle mode: 94 mA@5.0 V
Form factor
–
2.5 inch
Connector
–
7-pin SATA male connector
–
15-pin SATA power connector
RoHS compliant
*Varies from capacities.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19