| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AP-SDM004GDPANS-HT bảng dữ liệu(PDF) 5 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AP-SDM004GDPANS-HT bảng dữ liệu(HTML) 5 Page - List of Unclassifed Manufacturers |
|
5 / 20 page ![]() SATA-Disk ModuleⅡ Ⅱ Ⅱ Ⅱ AP-SDMxxxxXPANS-HTX 4 © 2011 Apacer Technology Inc. Rev. 1.1 1.3 ATA Mode Support The SDM provides ATA mode support as follows: Up to PIO mode-4 Up to Multiword DMA mode-2 Up to UDMA mode-5 1.4 Capacity Specification Capacity specification of the SDM product family is available as shown in Table 1-1. It lists the specific capacity, the default numbers of logical cylinders and heads, and the number of logical sectors per track for each product line. Table 1-1: Capacity specifications Capacity Total Bytes Cylinders Heads Sectors Max LBA 512 MB 487,710,720 945 16 63 952,560 1 GB 992,968,704 1,924 16 63 1,939,392 2 GB 2,002,452,480 3,880 16 63 3,911,040 4 GB 4,021,936,128 7,793 16 63 7,855,344 1.5 Performance Specification Performance specification of the SDM is shown in Table 1-2 Table 1-2: Performance specification Capacity Performance 512 MB 1 GB 2 GB 4 GB Sustained read (MB/s) 22 27 27 27 Sustained write (MB/s) 8 12 22 23 |