công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AP-SDM004GDPANS-HT bảng dữ liệu(PDF) 4 Page - List of Unclassifed Manufacturers

tên linh kiện AP-SDM004GDPANS-HT
Giải thích chi tiết về linh kiện  SATA-Disk Module?
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

AP-SDM004GDPANS-HT bảng dữ liệu(HTML) 4 Page - List of Unclassifed Manufacturers

  AP-SDM004GDPANS-HT Datasheet HTML 1Page - List of Unclassifed Manufacturers AP-SDM004GDPANS-HT Datasheet HTML 2Page - List of Unclassifed Manufacturers AP-SDM004GDPANS-HT Datasheet HTML 3Page - List of Unclassifed Manufacturers AP-SDM004GDPANS-HT Datasheet HTML 4Page - List of Unclassifed Manufacturers AP-SDM004GDPANS-HT Datasheet HTML 5Page - List of Unclassifed Manufacturers AP-SDM004GDPANS-HT Datasheet HTML 6Page - List of Unclassifed Manufacturers AP-SDM004GDPANS-HT Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-SDM004GDPANS-HT Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-SDM004GDPANS-HT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
SATA-Disk ModuleⅡ
Ⅱ
Ⅱ
Ⅱ
AP-SDMxxxxXPANS-HTX
3
© 2011 Apacer Technology Inc.
Rev. 1.1
1. Product Description
1.1
Introduction
Apacer’s SATA Disk Module (SDM) is a solid-state disk (SSD) drive that contains a controller, embedded
firmware, and flash media along with a male connector. Using NAND flash memory devices, the SDM drive
interfaces with the host allowing data to be seamlessly transferred between the host and the flash devices.
The
SDM drive is designed with a single-chip controller, offering capacities of up to four gigabytes and
providing full support for the SATAⅡ high-speed interface standard. It can operate at sustained access rates
of up to thirty five megabytes per second, which is much faster than any other competitor in the market.
In addition to buffer management through dynamical allocation, the SDM adopts the static wear-leveling
scheme to allow uniform use of all storage blocks, ensuring that the lifetime of a flash media can be
significantly increased and the disk performance is optimized as well. The SDM provides the S.M.A.R.T.
feature complies to the SATA Rev. 2.6, ATA/ATAPI-7 specifications and uses the standard SMART command
B0h to read data from the drive. This feature protects the user from unscheduled downtime by monitoring and
storing critical drive performance.
1.2
Functional Block Diagram
The SDM drive includes a single-chip SATAⅡ controller and the flash media, as well as the SATA standard
interface. The controller integrates the flash management unit with the controller itself to support multi-channel,
multi-bank flash arrays. Figure 1-1 shows the functional block diagram.
Figure 1-1 Apacer SDM block diagram
SATAⅡ
Ⅱ
Ⅱ
Ⅱ to
Flash
Controller
SATA
Interface
Flash Media



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com