công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EM260-RTR bảng dữ liệu(PDF) 34 Page - Silicon image

tên linh kiện EM260-RTR
Giải thích chi tiết về linh kiện  ZigBee/802.15.4 Network Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SILICONIMAGE [Silicon image]
Trang chủ  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

EM260-RTR bảng dữ liệu(HTML) 34 Page - Silicon image

Back Button EM260-RTR Datasheet HTML 30Page - Silicon image EM260-RTR Datasheet HTML 31Page - Silicon image EM260-RTR Datasheet HTML 32Page - Silicon image EM260-RTR Datasheet HTML 33Page - Silicon image EM260-RTR Datasheet HTML 34Page - Silicon image EM260-RTR Datasheet HTML 35Page - Silicon image EM260-RTR Datasheet HTML 36Page - Silicon image EM260-RTR Datasheet HTML 37Page - Silicon image EM260-RTR Datasheet HTML 38Page - Silicon image Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
EM260
120-0260-000M Rev 1.1
Page 34
22. Stop transmitting after the number of bytes (length) is received plus the Frame Terminator.
23. Decode the response:
0xFE
: SPI Byte indicating an EZSP Frame
0x04
: Length Byte showing the EZSP Frame is 3 bytes long
0x00
: EZSP Sequence Byte (Note that this value should vary based upon previous sequence bytes)
0x80
: EZSP Frame Control Byte indicating a response with no overflow
0x19
: EZSP Frame ID Byte indicating the stackStatusHandler command
0x91
: EZSP Parameter for this response (EmberStatus EMBER_NETWORK_DOWN)
0xA7
– Frame Terminator
24. Deactivate Slave Select.
25. Since nHOST_INT does not assert again, there is no more data for the Host.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50