công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EAEVALEDIP240B bảng dữ liệu(PDF) 5 Page - List of Unclassifed Manufacturers

tên linh kiện EAEVALEDIP240B
Giải thích chi tiết về linh kiện  EVALUATION-BOARD for eDIP-series
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

EAEVALEDIP240B bảng dữ liệu(HTML) 5 Page - List of Unclassifed Manufacturers

  EAEVALEDIP240B Datasheet HTML 1Page - List of Unclassifed Manufacturers EAEVALEDIP240B Datasheet HTML 2Page - List of Unclassifed Manufacturers EAEVALEDIP240B Datasheet HTML 3Page - List of Unclassifed Manufacturers EAEVALEDIP240B Datasheet HTML 4Page - List of Unclassifed Manufacturers EAEVALEDIP240B Datasheet HTML 5Page - List of Unclassifed Manufacturers EAEVALEDIP240B Datasheet HTML 6Page - List of Unclassifed Manufacturers EAEVALEDIP240B Datasheet HTML 7Page - List of Unclassifed Manufacturers EAEVALEDIP240B Datasheet HTML 8Page - List of Unclassifed Manufacturers EAEVALEDIP240B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
EA9777-2
Page 5
ELECTRONIC ASSEMBLY reserves
the right to change specifications
without prior notice. Printing and
typographical
errors
reserved.
EA 9777-2USB EVALUATIONBOARD
The Evaluation board provides a variety of features, starting with LEDs to indicate data-transfer,
ending with potentiometers to use the analogue inputs of EA eDIPTFTs.
The lands J8 are directly connected with the corresponding pin of the eDIP. If you remove the 0R-
resistors the periphery is completly disconnected. Please refer to the schematic on the last page.
Note: Not all functions of the Evaluation board are supported by every display of the eDIP-series.
FUNCTION OF POTENTIOMETER
Both potentiometers are connected to the anolgue inputs of the eDIPTFTs. They set the
voltage of AIN1 and AIN2 between GND and VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17