công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EAEVALEDIP240B bảng dữ liệu(PDF) 3 Page - List of Unclassifed Manufacturers

tên linh kiện EAEVALEDIP240B
Giải thích chi tiết về linh kiện  EVALUATION-BOARD for eDIP-series
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

EAEVALEDIP240B bảng dữ liệu(HTML) 3 Page - List of Unclassifed Manufacturers

  EAEVALEDIP240B Datasheet HTML 1Page - List of Unclassifed Manufacturers EAEVALEDIP240B Datasheet HTML 2Page - List of Unclassifed Manufacturers EAEVALEDIP240B Datasheet HTML 3Page - List of Unclassifed Manufacturers EAEVALEDIP240B Datasheet HTML 4Page - List of Unclassifed Manufacturers EAEVALEDIP240B Datasheet HTML 5Page - List of Unclassifed Manufacturers EAEVALEDIP240B Datasheet HTML 6Page - List of Unclassifed Manufacturers EAEVALEDIP240B Datasheet HTML 7Page - List of Unclassifed Manufacturers EAEVALEDIP240B Datasheet HTML 8Page - List of Unclassifed Manufacturers EAEVALEDIP240B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
EA9777-2
Page 3
ELECTRONIC ASSEMBLY reserves
the right to change specifications
without prior notice. Printing and
typographical
errors
reserved.
QUICK START
1.) Installation
The evaluation board is conntected to a free USB-Port of the PC with the delivered USB-cable.
Windows detects the new hardware. Drivers for all
supported different Windowsversions are found on the CD
in the folder: d:\drivers:
After successfully installing the driver, both green LEDs
(left and right) will shine.
The next step is installing the EA KIT-editor and compiler
of eDIP-Series.
The setupfile
“setup LCD-Tools Portable“ is found in the root-directory of the
CD.
Please follow the instructions of the installer.
2.) First-time operation of display
Mount your eDIP on the evaluation board. Make sure that it is
mounted correctly, pin 1 is placed in the lower left corner.
An external power supply is not needed.
3.) Compile and flash the display
Run EA KIT-Editor and choose a project. To open a project,
please go to the context menu: “File->open“ and select a file (*.kmc). During installation of KIT-
Editor some examples are installed, please find them under: <your drive>:\LCD Tools\Data\eDIP
- intelligent graphic displays\eDIP???\How to use\. Please make sure to use the right folder,
suitable for your module. Please choose a subject you are interested in and open one of the project
files.
To compile the project and download it
onto the module only one additional click
is needed. The farest right icon ‘compile’
starts compilation and downloads the
successfully
compiled
project
automatically
to the display.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17