| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DS80C400 bảng dữ liệu(PDF) 48 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS80C400 bảng dữ liệu(HTML) 48 Page - Dallas Semiconductor |
|
48 / 97 page ![]() DS80C400 Network Microcontroller 48 of 97 facilitates the conversion of 4-Byte unsigned binary integers into floating point format. Table 11 shows the operations supported by the math accelerator and their time of execution. Table 11. Arithmetic Accelerator Execution Times OPERATION RESULT EXECUTION TIME 32-Bit/16-Bit Divide 32-Bit Quotient, 16-Bit Remainder 36 tCLCL 16-Bit/16-Bit Divide 16-Bit Quotient, 16-Bit Remainder 24 tCLCL 16-Bit/16-Bit Multiply 32-Bit Product 24 tCLCL 32-Bit Shift Left/Right 32-Bit Result 36 tCLCL 32-Bit Normalize 32-Bit Mantissa, 5-Bit Exponent 36 tCLCL Table 12 demonstrates the procedure to perform mathematical operations using the hardware math accelerator. The MA and MB registers must be loaded and read in the order shown for proper operation, although accesses to any other registers can be performed between accesses to the MA or MB registers. An access to the MA, MB, or MC registers out of sequence corrupt the operation, requiring the software to clear the MST bit to restart the math accelerator state machine. See the descriptions of the MCNT0 and MCNT1 SFRs for details about how the shift and normalize functions operate. Table 12. Arithmetic Accelerator Sequencing DIVIDE (32/16 or 16/16) MULTIPLY (16 x 16) Load MA with dividend LSB. Load MA with dividend LSB + 1 *. Load MA with dividend LSB + 2 *. Load MA with dividend MSB. Load MB with divisor LSB. Load MB with divisor MSB. Poll the MST bit until cleared. (9 machine cycles for 32-bit numerator) (6 machine cycles for 16-bit numerator) Read MA to retrieve the quotient MSB. Read MA to retrieve the quotient LSB + 2 * Read MA to retrieve the quotient LSB + 1 * Read MA to retrieve the quotient LSB. Read MB to retrieve the remainder MSB. Read MB to retrieve the remainder LSB. Load MB with multiplier LSB. Load MB with multiplier MSB. Load MA with multiplicand LSB. Load MA with multiplicand MSB. Poll the MST bit until cleared (6 machine cycles). Read MA for product MSB. Read MA for product LSB + 2. Read MA for product LSB + 1. Read MA for product LSB. SHIFT RIGHT/LEFT NORMALIZE Load MA with data LSB. Load MA with data LSB + 1. Load MA with data LSB + 2. Load MA with data MSB. Configure MCNT0/MCNT1 registers as required. Poll the MST bit until cleared (9 machine cycles). Read MA for result MSB. Read MA for result LSB + 2. Read MA for result LSB + 1. Read MA for result LSB. Load MA with data LSB. Load MA with data LSB + 1. Load MA with data LSB + 2. Load MA with data MSB. Configure MCNT0.4–0 = 00000b. Poll the MST bit until cleared (9 machine cycles). Read MA for mantissa MSB. Read MA for mantissa LSB + 2. Read MA for mantissa LSB + 1. Read MA for mantissa LSB. Read MCNT0.4–MCNT0.0 for exponent. *Not performed for 16-bit numerator. |