| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
INA209 bảng dữ liệu(PDF) 13 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
INA209 bảng dữ liệu(HTML) 13 Page - Texas Instruments |
|
13 / 39 page ![]() SCL SDA t (LOW) t R t F t (HDSTA) t (HDSTA) t (HDDAT) t (BUF) t (SUDAT) t (HIGH) t (SUSTA) t (SUSTO) P S S P INA220 www.ti.com SBOS459D – JUNE 2009 – REVISED SEPTEMBER 2010 High-Speed Two-Wire Mode The master then generates a repeated start condition (a repeated start condition has the same timing as When the bus is idle, both the SDA and SCL lines are the start condition). After this repeated start condition, pulled high by the pull-up devices. The master the protocol is the same as F/S mode, except that generates a start condition followed by a valid serial transmission speeds up to 3.4Mbps are allowed. byte containing High-Speed (HS) master code Instead of using a stop condition, repeated start 00001XXX. This transmission is made in fast conditions should be used to secure the bus in (400kbps) or standard (100kbps) (F/S) mode at no HS-mode. A stop condition ends the HS-mode and more than 400kbps. The INA220 does not switches all the internal filters of the INA220 to acknowledge the HS master code, but does support the F/S mode. recognize it and switches its internal filters to support 3.4Mbps operation. Figure 18. Bus Timing Diagram Bus Timing Diagram Definitions FAST MODE HIGH-SPEED MODE PARAMETER MIN MAX MIN MAX UNITS SCL Operating Frequency f(SCL) 0.001 0.4 0.001 3.4 MHz Bus Free Time Between STOP and START t(BUF) 600 160 ns Condition Hold time after repeated START condition. t(HDSTA) 100 100 ns After this period, the first clock is generated. Repeated START Condition Setup Time t(SUSTA) 100 100 ns STOP Condition Setup Time t(SUSTO) 100 100 ns Data Hold Time t(HDDAT) 0 0 ns Data Setup Time t(SUDAT) 100 10 ns SCL Clock LOW Period t(LOW) 1300 160 ns SCL Clock HIGH Period t(HIGH) 600 60 ns Clock/Data Fall Time tF 300 160 ns Clock/Data Rise Time tR 300 160 ns Clock/Data Rise Time for SCLK ≤ 100kHz tR 1000 ns Copyright © 2009–2010, Texas Instruments Incorporated Submit Documentation Feedback 13 Product Folder Link(s): INA220 |