| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
INA209 bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
INA209 bảng dữ liệu(HTML) 2 Page - Texas Instruments |
|
2 / 39 page ![]() INA220 SBOS459D – JUNE 2009 – REVISED SEPTEMBER 2010 www.ti.com This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. PACKAGING INFORMATION (1) PRODUCT PACKAGE-LEAD PACKAGE DESIGNATOR PACKAGE MARKING INA220A MSOP-10 DGS OOUI INA220B MSOP-10 DGS ZAEI (1) For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the INA220 product folder at www.ti.com. ABSOLUTE MAXIMUM RATINGS (1) Over operating free-air temperature range (unless otherwise noted). INA220 UNIT Supply Voltage, VS 6 V Differential (VIN+) – (VIN–) (2) –26 to +26 V Analog Inputs, VIN+, VIN– Common-Mode –0.3 to +26 V VBUS –0.3 to +26 V SDA GND – 0.3 to +6 V SCL GND – 0.3 to VS + 0.3 V Input Current Into Any Pin 5 mA Open-Drain Digital Output Current 10 mA Operating Temperature –40 to +125 °C Storage Temperature –65 to +150 °C Junction Temperature +150 °C Human Body Model (HBM) 4000 V ESD Ratings Charged-Device Model (CDM) 1000 V Machine Model (MM) 150 V (1) Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those specified is not implied. (2) VIN+ and VIN– may have a differential voltage of –26V to +26V; however, the voltage at these pins must not exceed the range –0.3V to +26V. 2 Submit Documentation Feedback Copyright © 2009–2010, Texas Instruments Incorporated Product Folder Link(s): INA220 |