| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DS1721 bảng dữ liệu(PDF) 12 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS1721 bảng dữ liệu(HTML) 12 Page - Dallas Semiconductor |
|
12 / 16 page ![]() DS1721 12 of 16 SAMPLE COMMAND SEQUENCE Table 5 Example: After power-up, initiates a temperature conversion, bus master reads temperature BUS MASTER MODE DS1721 MODE DATA (MSB FIRST) COMMENTS TX RX START Bus Master initiates a START condition TX RX <address, 0> Bus Master sends DS1721 address; R/ W = 0 RX TX ACK DS1721 generates acknowledge bit TX RX 51h Bus Master sends start convert T protocol RX TX ACK DS1721 generates acknowledge bit TX RX START Bus Master initiates a repeated START condition TX RX <address, 0> Bus Master sends DS1721 address; R/ W = 0 RX TX ACK DS1721 generates acknowledge bit TX RX AAh Bus Master sends read temperature protocol RX TX ACK DS1721 generates acknowledge bit TX RX START Bus Master initiates a repeated START condition TX RX <address, 1> Bus Master sends DS1721 address; R/ W =1 RX TX ACK DS1721 generates acknowledge bit RX TX <1 data byte> DS1721 transmits MSB of temperature TX RX ACK Bus Master generates acknowledge bit RX TX <1 data byte> DS1721 transmits LSB of temperature |