công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CS492604-CL bảng dữ liệu(PDF) 31 Page - Cirrus Logic

tên linh kiện CS492604-CL
Giải thích chi tiết về linh kiện  Multi-Channel Digital Audio Decoders
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CIRRUS [Cirrus Logic]
Trang chủ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS492604-CL bảng dữ liệu(HTML) 31 Page - Cirrus Logic

Back Button CS492604-CL Datasheet HTML 27Page - Cirrus Logic CS492604-CL Datasheet HTML 28Page - Cirrus Logic CS492604-CL Datasheet HTML 29Page - Cirrus Logic CS492604-CL Datasheet HTML 30Page - Cirrus Logic CS492604-CL Datasheet HTML 31Page - Cirrus Logic CS492604-CL Datasheet HTML 32Page - Cirrus Logic CS492604-CL Datasheet HTML 33Page - Cirrus Logic CS492604-CL Datasheet HTML 34Page - Cirrus Logic CS492604-CL Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
CS4923/4/5/6/7/8/9
DS262F2
31
4.
POWER
The CS492X requires a 3.3V digital power supply
for the digital logic within the DSP and a 3.3V
analog power supply for the internal PLL. There
are three digital power pins, VD1, VD2 and VD3,
along with three digital grounds, DGND1, DGND2
and DGND3. There is one analog power pin, VA
and one analog ground, AGND. The DSP will
perform at its best when noise has been eliminated
from the power supply. The recommendations
given
below
for
decoupling
and
power
conditioning of the CS492X will help to ensure
reliable performance.
4.1 Decoupling
It is good practice to decouple noise from the
power supply by placing capacitors directly
between the power and ground of the CS492X.
Each
pair
of
power
pins
(VD1/DGND,
VD2/DGND, VD3/DGND, VA/AGND) should
have
its
own
decoupling
capacitors.
The
recommended procedure is to place both a 0.1uF
and a 1uF capacitor as close as physically possible
to each power pin. The 0.1uF capacitor should be
closest to the device (typically 5mm or closer).
4.2 Analog Power Conditioning
In order to obtain the best performance from the
CS4923/4/5/6/7/8/9’s internal PLL, the analog
power supply (VA) must be as clean as possible. A
ferrite bead should be used to filter the 3.3V power
supply for the analog portion of the CS492X. This
power scheme is shown in the typical connection
diagrams.
4.3 Pads
Revision
D
and
all
subsequent
revisions
incorporate 5V tolerant pads. This means that while
the CS492X power supplies require 3.3 volts, 5 volt
signals can be applied to the inputs without
damaging the part.
The I/O pads for Revision B of the CS4923/4/5/6
are not 5 volt tolerant. Input levels for revision B of
the CS4923/4/5/6 should be no greater than 3.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com