| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L99DZ70XP bảng dữ liệu(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99DZ70XP bảng dữ liệu(HTML) 38 Page - STMicroelectronics |
|
38 / 47 page ![]() SPI - control and status registers L99DZ70XP 38/47 Doc ID 15162 Rev 4 5.5 Status register 0 Table 29. Status register 0 (read) Bit Name Comment 15 OUT1 – HS OC In case of an over-current event the corresponding status bit is set and the output driver is disabled. If the over-current Recovery Enable bit is set the output will be automatically reactivated after a delay time resulting in a PWM modulated current with a programmable duty cycle. If the over-current recovery bit is not set, the micro controller has to clear the over-current bit to reactivate the output driver. 14 OUT1 – LS OC 13 OUT2 – HS OC 12 OUT2 – LS OC 11 OUT3 – HS OC 10 OUT3 – LS OC 9 OUT4 – HS OC 8 OUT4 – LS OC 7 OUT5 – HS OC 6 OUT5 – LS OC 5 OUT6 – HS OC 4 OUT6 – LS OC 30 Reserved 20 10 00 |