công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L99DZ70XP bảng dữ liệu(PDF) 34 Page - STMicroelectronics

tên linh kiện L99DZ70XP
Giải thích chi tiết về linh kiện  Door actuator driver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ70XP bảng dữ liệu(HTML) 34 Page - STMicroelectronics

Back Button L99DZ70XP Datasheet HTML 30Page - STMicroelectronics L99DZ70XP Datasheet HTML 31Page - STMicroelectronics L99DZ70XP Datasheet HTML 32Page - STMicroelectronics L99DZ70XP Datasheet HTML 33Page - STMicroelectronics L99DZ70XP Datasheet HTML 34Page - STMicroelectronics L99DZ70XP Datasheet HTML 35Page - STMicroelectronics L99DZ70XP Datasheet HTML 36Page - STMicroelectronics L99DZ70XP Datasheet HTML 37Page - STMicroelectronics L99DZ70XP Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 47 page
background image
SPI - control and status registers
L99DZ70XP
34/47
Doc ID 15162 Rev 4
5
SPI - control and status registers
5.1
Control register 0
Table 25.
Control register 0 (read/write)
Bit
Name
Comment
15
OUT1 – HS
on/off
If a bit is set the selected output driver is switched on. If the corresponding
PWM enable bit is set the driver is only activated if PWM1 (PWM2) input
signal is high. The outputs of OUT1-OUT6 are half bridges. If the bits of
HS- and LS-driver of the same half bridge are set, the internal logic
prevents that both drivers of this output stage can be switched on
simultaneously in order to avoid a high internal current from Vs to GND.
14
OUT1 – LS
on/off
13
OUT2 – HS
on/off
12
OUT2 – LS
on/off
11
OUT3 – HS
on/off
10
OUT3 – LS
on/off
9
OUT4 – HS
on/off
8
OUT4 – LS
on/off
7
OUT5 – HS
on/off
6
OUT5 – LS
on/off
5
OUT6 – HS
on/off
4
OUT6 – LS
on/off
30
Reserved (has to be set to '0')
20
10
0
Enable bit
If enable bit is set the device will be switched in active mode. If enable bit is
cleared, the device enters standby mode and all bits are cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com