công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UCAM-II bảng dữ liệu(PDF) 5 Page - List of Unclassifed Manufacturers

tên linh kiện UCAM-II
Giải thích chi tiết về linh kiện  Serial Camera Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

UCAM-II bảng dữ liệu(HTML) 5 Page - List of Unclassifed Manufacturers

  UCAM-II Datasheet HTML 1Page - List of Unclassifed Manufacturers UCAM-II Datasheet HTML 2Page - List of Unclassifed Manufacturers UCAM-II Datasheet HTML 3Page - List of Unclassifed Manufacturers UCAM-II Datasheet HTML 4Page - List of Unclassifed Manufacturers UCAM-II Datasheet HTML 5Page - List of Unclassifed Manufacturers UCAM-II Datasheet HTML 6Page - List of Unclassifed Manufacturers UCAM-II Datasheet HTML 7Page - List of Unclassifed Manufacturers UCAM-II Datasheet HTML 8Page - List of Unclassifed Manufacturers UCAM-II Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
4D SYSTEMS
µCAM-II
© 2014 4D SYSTEMS
Page 5 of 22
www.4dsystems.com.au
3. Pin Configuration and Dimensions
uCAM-II Pin Outs
Pin
Symbol
I/O
Description
1
5V
P
Main Voltage Supply +ve input pin. 4.5V to 9.0V DC range nominal 5V.
2
TX
O
Asynchronous Serial Transmit pin. Connect this pin to host controller Serial
Receive (Rx) signal. The host receives data from uCAM-II via this pin.
3.3V Logic
3
RX
I
Asynchronous Serial Receive pin. Connect this pin to host controller Serial
Transmit (Tx) signal. The host transmits commands to the uCAM-II via this pin.
3.3V Logic, however 5V Tolerant
4
GND
P
Supply Ground.
5
RES
--
Not Connected to anything – N/C.
I = Input, O = Output, P = Power
32mm
32mm
27.5mm
27.5mm
PIN 1
6.9mm
2.1mm Diameter
~6mm
2.54mm
~8.5mm
PIN 1
10.5mm
Varies with Focus
Distance from Pins (centres) to
bottom edge of PCB = 2.3mm
PCB Thickness = ~1.6mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com