| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PICASO-OGM bảng dữ liệu(PDF) 13 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
PICASO-OGM bảng dữ liệu(HTML) 13 Page - List of Unclassifed Manufacturers |
|
13 / 22 page ![]() 4D SYSTEMS PICASO OGM Module © 2013 4D SYSTEMS Page 13 of 22 www.4dsystems.com.au PICASO OGM Base Board 8.2. 4D Systems has designed a BaseBoard for the OGM Module, which provides an evaluation type interface for the OGM Module, to enable it to be easily powered up, programmed and tested. This evaluation board is called the OGM BaseBoard, and is available from the 4D Systems. Please discuss with the 4D Systems Sales team if a BaseBoard would assist with your development. The PICASO OGM Module is required to be soldered into place on the OGM BaseBoard. BaseBoard with PICASO OGM and 4DLCD-32QA Please refer to the datasheet for the BaseBoard, available from the PICASO OGM Product Page. 9. 4DGL - Software Language The PICASO OGM Module utilises the PICASO processor, which belongs to a family of processors powered by a highly optimised soft core virtual engine, EVE (Extensible Virtual Engine). EVE is a proprietary, high performance virtual- machine with an extensive byte-code instruction set optimised to execute compiled 4DGL programs. 4DGL (4D Graphics Language) was specifically developed from ground up for the EVE engine core. It is a high level language which is easy to learn and simple to understand yet powerful enough to tackle many embedded graphics applications. 4DGL is a graphics oriented language allowing rapid application development, and the syntax structure was designed using elements of popular languages such as C, Basic, Pascal and others. Programmers familiar with these languages will feel right at home with 4DGL. It includes many familiar instructions such as IF..ELSE..ENDIF, WHILE..WEND, REPEAT..UNTIL, GOSUB..ENDSUB, GOTO, PRINT as well as some specialised instructions SERIN, SEROUT, GFX_LINE, GFX_CIRCLE and many more. For detailed information pertaining to the 4DGL language, please refer to the following documents: “4DGL-Programmers-Reference-Manual.pdf” “PICASO-4DGL-Internal-Functions.pdf” To assist with the development of 4DGL applications, the Workshop 4 IDE combines a full- featured editor, a compiler, a linker and a down- loader into a single PC-based application. It's all you need to code, test and run your applications. 4DGL is available to be written in two of the four environments offered by the Workshop 4 IDE, Designer and ViSi. |