công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PICASO-OGM bảng dữ liệu(PDF) 4 Page - List of Unclassifed Manufacturers

tên linh kiện PICASO-OGM
Giải thích chi tiết về linh kiện  OEM Graphics Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

PICASO-OGM bảng dữ liệu(HTML) 4 Page - List of Unclassifed Manufacturers

  PICASO-OGM Datasheet HTML 1Page - List of Unclassifed Manufacturers PICASO-OGM Datasheet HTML 2Page - List of Unclassifed Manufacturers PICASO-OGM Datasheet HTML 3Page - List of Unclassifed Manufacturers PICASO-OGM Datasheet HTML 4Page - List of Unclassifed Manufacturers PICASO-OGM Datasheet HTML 5Page - List of Unclassifed Manufacturers PICASO-OGM Datasheet HTML 6Page - List of Unclassifed Manufacturers PICASO-OGM Datasheet HTML 7Page - List of Unclassifed Manufacturers PICASO-OGM Datasheet HTML 8Page - List of Unclassifed Manufacturers PICASO-OGM Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4D SYSTEMS
PICASO OGM Module
© 2013 4D SYSTEMS
Page 4 of 22
www.4dsystems.com.au
1. Description
The PICASO OGM (OEM Graphics Module) is a
compact and low profile custom SMT mounted
PCB
module,
designed
specifically
for
the
integration into OEM products, with minimal space
requirements.
The OGM Module breaks out all of the General
Purpose I/O (GPIO) that the PICASO Processor
provides, along with providing a microSD Card
connector for the storage of images/videos/files
used by the processor, and a 40 way FPC
connector to connect to existing 4D Systems’
displays.
Driving the display and peripherals is the PICASO
processor, a very capable and powerful chip which
enables stand-alone functionality, programmed
using the 4D Systems Workshop 4 IDE Software.
The Workshop IDE enables graphic solutions to be
constructed rapidly and with ease due to its design
being solely for 4D’s graphics processors.
The module has an array of features including
PWM for Sound, Touch Detection, micro-SD
memory storage, general purpose I/O, serial
communications, an I2C interface and multiple
millisecond resolution timers, amongst many more
features.
The PICASO OGM Module is the perfect solution
for integrating the PICASO Processor into new
designs where space and cost is an issue, and
provides all the resources the PICASO Processor
has available.
The PICASO OGM Module is pin compatible in
most ways with the larger and more powerful
DIABLO16
OGM
Module,
allowing
simple
transfer/upgrade of existing designs. Please refer
to the DIABLO16 OGM Module Datasheet for
further information, and read about any caveats
that may exist if upgrading from a PICASO OGM.
Anything that has been designed in the past to run
on a PICASO Processor can theoretically run on
this PICASO OGM Module. Please ensure you
contact the 4D Systems’ support team if unsure
when designing with this PICASO OGM Module.
Please note, PICASO OGM Modules are designed
for volume customers with volume orders only.
Please contact the 4D Systems Sales Department
for volume pricing.
2. Features
• OEM PICASO Module designed for integrators
designing
with
4D
Systems
PICASO
processors/modules
• Offers 40 way FPC connection to existing 4D
Systems display solutions, 2.4”, 2.8”, 3.2” and
3.2” Wide
• 4 wire Resistive Touch support is built in
• Powered by the 4D-Labs PICASO processor (also
available as separate OEM IC)
• 14KB of flash memory for user code storage and
14KB of SRAM for user variables, or 14KB
shared user code and program variables.
• 2 x Asynchronous hardware serial ports (COM0,
COM1), TTL interface, with 300 to 600K baud.
• 1 x I
2C interface (Master).
• 8 x 16 bit timers with 1 millisecond resolution.
• 13 x General Purpose I/O pins. Supports fast 8-
bit parallel data transfer through Upper 8 bits.
• On-board micro-SD memory card connector for
multimedia storage and data logging purposes.
HC memory card support is also available for
cards larger than 4GB.
• Micro-SD signals available externally if an
external micro-SD card connector is preferred
• DOS compatible file access (FAT16 format) as
well as low level access to card memory.
• Dedicated raw PWM Audio pin driven by WAV
files from micro-SD card.
• Built in extensive 4DGL graphics and system
library functions.
• Display full colour images, animations, icons and
video clips on chosen 4D Systems display.
• Supports all available Windows fonts.
• 3.3V DC Input for the processor
• 5.0V DC input for the display backlight
• Module dimensions: 34.8 x 34.8 x 4.3mm,
weighing ~ 5 grams.
• 3x alignment holes for module positioning, with
1.3mm pitch SMT pads for soldering of OGM
module to host PCB or Baseboard.
• RoHS and CE Compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com