công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICS953002 bảng dữ liệu(PDF) 6 Page - Integrated Circuit Systems

tên linh kiện ICS953002
Giải thích chi tiết về linh kiện  Programmable Timing Control Hub for Next Gen P4 processor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ICST [Integrated Circuit Systems]
Trang chủ  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS953002 bảng dữ liệu(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS953002 Datasheet HTML 2Page - Integrated Circuit Systems ICS953002 Datasheet HTML 3Page - Integrated Circuit Systems ICS953002 Datasheet HTML 4Page - Integrated Circuit Systems ICS953002 Datasheet HTML 5Page - Integrated Circuit Systems ICS953002 Datasheet HTML 6Page - Integrated Circuit Systems ICS953002 Datasheet HTML 7Page - Integrated Circuit Systems ICS953002 Datasheet HTML 8Page - Integrated Circuit Systems ICS953002 Datasheet HTML 9Page - Integrated Circuit Systems ICS953002 Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
6
Integrated
Circuit
Systems, Inc.
ICS953002
0924—11/18/09
Table 1a. CPU PLL1 Turbo Rom (continued)
FS4
FS3
FSL2
FSL1
FSL0
CPUFS4 CPUFS3 CPUFS2 CPUFS1 CPUFS0
CPU
PCI-EX
AGP
PCI
Spreading
B0b4
B0b3
B0b2
B0b1
B0b0
B1bit4
B1bit3
B1bit2
B1bit1
B1bit0
Mhz
(default)
(default) (default)
%
0
000
1
0
0000
N/A
N/A
N/A
N/A
Down Sp 0-0.5 %
0
000
1
0
0001
N/A
N/A
N/A
N/A
Center +/- 0.25
0
000
1
0
0010
N/A
N/A
N/A
N/A
Center +/- 0.25
0
000
1
0
0011
N/A
N/A
N/A
N/A
Center +/- 0.25
0
000
1
0
0100
N/A
N/A
N/A
N/A
Center +/- 0.25
0
000
1
0
0101
N/A
N/A
N/A
N/A
Center +/- 0.25
0
000
1
0
0110
N/A
N/A
N/A
N/A
Center +/- 0.25
0
000
1
0
0111
N/A
N/A
N/A
N/A
Center +/- 0.25
0
000
1
0
1000
133.33
100.00
66.67
33.33
Down Sp 0-0.5 %
0
000
1
0
1001
134.67
101.00
67.33
33.67
Center +/- 0.25
0
000
1
0
1010
137.33
103.00
68.67
34.33
Center +/- 0.25
0
000
1
0
1011
140.00
105.00
70.00
35.00
Center +/- 0.25
0
000
1
0
1100
142.67
107.00
71.33
35.67
Center +/- 0.25
0
000
1
0
1101
145.33
109.00
72.67
36.33
Center +/- 0.25
0
000
1
0
1110
146.67
110.00
73.33
36.67
Center +/- 0.25
0
000
1
0
1111
148.00
111.00
74.00
37.00
Center +/- 0.25
0
000
1
1
0000
111.11
111.11
66.67
33.33
Down Sp 0-0.5 %
0
000
1
1
0001
112.22
112.22
67.33
33.67
Center +/- 0.25
0
000
1
1
0010
114.44
114.44
68.67
34.33
Center +/- 0.25
0
000
1
1
0011
116.67
116.67
70.00
35.00
Center +/- 0.25
0
000
1
1
0100
118.89
118.89
71.33
35.67
Center +/- 0.25
0
000
1
1
0101
121.11
121.11
72.67
36.33
Center +/- 0.25
0
000
1
1
0110
122.22
122.22
73.33
36.67
Center +/- 0.25
0
000
1
1
0111
123.33
123.33
74.00
37.00
Center +/- 0.25
0
000
1
1
1000
133.33
100.00
66.67
33.33
Down Sp 0-0.5 %
0
000
1
1
1001
134.67
101.00
67.33
33.67
Center +/- 0.25
0
000
1
1
1010
137.33
103.00
68.67
34.33
Center +/- 0.25
0
000
1
1
1011
140.00
105.00
70.00
35.00
Center +/- 0.25
0
000
1
1
1100
142.67
107.00
71.33
35.67
Center +/- 0.25
0
000
1
1
1101
145.33
109.00
72.67
36.33
Center +/- 0.25
0
000
1
1
1110
146.67
110.00
73.33
36.67
Center +/- 0.25
0
000
1
1
1111
148.00
111.00
74.00
37.00
Center +/- 0.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35