| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS953002 bảng dữ liệu(PDF) 23 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS953002 bảng dữ liệu(HTML) 23 Page - Integrated Circuit Systems |
|
23 / 35 page ![]() 23 Integrated Circuit Systems, Inc. ICS953002 0924—11/18/09 I 2C Table: Output Control Register Bit 7 PCIEXCLKT/C5 Output Control RW 1 Bit 6 PCIEXCLKT/C4 Output Control RW 1 Bit 5 PCIEXCLKT/C3 Output Control RW 1 Bit 4 PCIEXCLKT/C2 Output Control RW 1 Bit 3 PCIEXCLKT/C1 Output Control RW 1 Bit 2 CPUCLK2/PCIEX0 Output Control RW 1 Bit 1 CPUCLKT/C1 Output Control RW 1 Bit 0 CPUCLKT/C0 Output Control RW 1 I 2C Table: Device Control Register Bit 7 AGP/PCI PLL Cntrl AGP/PCI PLL Source RW 0 Bit 6 PCIEX PLL Cntrl PCIEX PLL Source RW 0 Bit 5 Reserved Reserved RW 1 Bit 4 Reserved Reserved RW 1 Bit 3 ASYNC1 RW 0 Bit 2 ASYNC0 RW 0 Bit 1 Reserved Reserved RW 1 Bit 0 Reserved Reserved RW 1 I 2C Table: Reserved Register Bit 7 Reserved Reserved RW 0 Bit 6 Reserved Reserved RW 0 Bit 5 Reserved Reserved RW 0 Bit 4 Reserved Reserved RW 0 Bit 3 Reserved Reserved RW 0 Bit 2 Reserved Reserved RW 0 Bit 1 Reserved Reserved RW 0 Bit 0 Reserved Reserved RW 0 I 2C Table: Vendor ID Register Bit 7 REVID3 Revision ID R 0 Bit 6 REVID2 Revision ID R 0 Bit 5 REVID1 Revision ID R 0 Bit 4 REVID0 Revision ID R 0 Bit 3 VID3 Vendor ID R 0 Bit 2 VID2 Vendor ID R 0 Bit 1 VID1 Vendor ID R 0 Bit 0 VID0 Vendor ID R 1 -- - -- - - - - - - - - - - - -- - 01 = 66.0/33.0 Enable PLL1 PLL2 Disable 0 Enable - - - - - - - - - - - - - Byte 6 Pin # - - - Pin # - Name - - - - - - Byte 4 - Pin # - - - Name Control Function Control Function 0 - 0001 = ICS Type Type Type Name 1PWD 1 01 Type - PWD PWD PWD Byte 7 - - - - - Name - Byte 5 - - - - Pin # Control Function Control Function 3V66/PCI Async Freq Prog bits Disable Disable - - - Enable Disable Disable Disable - 00 = PLL1/2 10 = 75.4/37.7 PLL2 11 = 88.0/44.0 - Disable PLL1 - 0 - - - Enable Disable Enable -- -- Enable Enable Enable 1 |