công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

THS4052CD bảng dữ liệu(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
tên linh kiện THS4052CD
Giải thích chi tiết về linh kiện  70 MHz High Speed AMPLIFIERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4052CD bảng dữ liệu(HTML) 23 Page - National Semiconductor (TI)

Back Button THS4052CD Datasheet HTML 19Page - National Semiconductor (TI) THS4052CD Datasheet HTML 20Page - National Semiconductor (TI) THS4052CD Datasheet HTML 21Page - National Semiconductor (TI) THS4052CD Datasheet HTML 22Page - National Semiconductor (TI) THS4052CD Datasheet HTML 23Page - National Semiconductor (TI) THS4052CD Datasheet HTML 24Page - National Semiconductor (TI) THS4052CD Datasheet HTML 25Page - National Semiconductor (TI) THS4052CD Datasheet HTML 26Page - National Semiconductor (TI) THS4052CD Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
THS4051
THS4052
SLOS238D − MAY 1999 − REVISED AUGUST 2008
www.ti.com
23
APPLICATION INFORMATION
GENERAL POWERPAD
 DESIGN CONSIDERATIONS (CONTINUED)
The next consideration is the package constraints. The two sources of heat within an amplifier are quiescent power and
output power. The designer should never forget about the quiescent heat generated within the device, especially devices
with multiple amplifiers. Because these devices have linear output stages (Class A-B), most of the heat dissipation is at
low output voltages with high output currents. Figure 54 to Figure 57 show this effect, along with the quiescent heat, with
an ambient air temperature of 50
°C. Obviously, as the ambient temperature increases, the limit lines shown will drop
accordingly. The area under each respective limit line is considered the safe operating area. Any condition above this line
will exceed the amplifier’s limits and failure may result. When using VCC = ±5 V, there is generally not a heat problem, even
with SOIC packages. But, when using VCC = ±15 V, the SOIC package is severely limited in the amount of heat it can
dissipate. The other key factor when looking at these graphs is how the devices are mounted on the PCB. The PowerPAD
devices are extremely useful for heat dissipation. But, the device should always be soldered to a copper plane to fully use
the heat dissipation properties of the PowerPAD
. The SOIC package, on the other hand, is highly dependent on how it
is mounted on the PCB. As more trace and copper area is placed around the device,
θJA decreases and the heat dissipation
capability increases. The currents and voltages shown in these graphs are for the total package. For the dual amplifier
package (THS4052), the sum of the RMS output currents and voltages should be used to choose the proper package. The
graphs shown assume that both amplifier outputs are identical.
Figure 54
Package With
θJA < = 120°C/W
SO-8 Package
θJA = 167°C/W
Low-K Test PCB
VCC = ± 5 V
Tj = 150°C
TA = 50°C
100
80
40
0
01
2
3
140
180
200
45
160
120
60
20
| VO | − RMS Output Voltage − V
Maximum Output
Current Limit Line
THS4051
MAXIMUM RMS OUTPUT CURRENT
vs
RMS OUTPUT VOLTAGE DUE TO THERMAL LIMITS
Safe Operating
Area
Figure 55
100
10
03
6
9
1000
12
15
Maximum Output
Current Limit Line
SO-8 Package
θJA = 167°C/W
Low-K Test PCB
SO-8 Package
θJA = 98°C/W
High-K Test PCB
TJ = 150°C
TA = 50°C
| VO | − RMS Output Voltage − V
VCC = ± 15 V
DGN Package
θJA = 58.4°C/W
THS4051
MAXIMUM RMS OUTPUT CURRENT
vs
RMS OUTPUT VOLTAGE DUE TO THERMAL LIMITS
Safe Operating
Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com