công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

THS4052CD bảng dữ liệu(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
tên linh kiện THS4052CD
Giải thích chi tiết về linh kiện  70 MHz High Speed AMPLIFIERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4052CD bảng dữ liệu(HTML) 19 Page - National Semiconductor (TI)

Back Button THS4052CD Datasheet HTML 15Page - National Semiconductor (TI) THS4052CD Datasheet HTML 16Page - National Semiconductor (TI) THS4052CD Datasheet HTML 17Page - National Semiconductor (TI) THS4052CD Datasheet HTML 18Page - National Semiconductor (TI) THS4052CD Datasheet HTML 19Page - National Semiconductor (TI) THS4052CD Datasheet HTML 20Page - National Semiconductor (TI) THS4052CD Datasheet HTML 21Page - National Semiconductor (TI) THS4052CD Datasheet HTML 22Page - National Semiconductor (TI) THS4052CD Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
THS4051
THS4052
SLOS238D − MAY 1999 − REVISED AUGUST 2008
www.ti.com
19
APPLICATION INFORMATION
GENERAL CONFIGURATIONS
When receiving low-level signals, limiting the bandwidth of the incoming signals into the system is often required. The
simplest way to accomplish this is to place an RC filter at the noninverting terminal of the amplifier (see Figure 49).
VI
C1
+
−
RG
RF
R1
f
–3dB +
Figure 49. Single-Pole Low-Pass Filter
If even more attenuation is needed, a multiple pole filter is required. The Sallen-Key filter can be used for this task. For best
results, the amplifier should have a bandwidth that is 8 to 10 times the filter frequency bandwidth. Failure to do this can
result in phase shift of the amplifier.
VI
C2
R2
R1
C
RG
Figure 50. 2-Pole Low-Pass Sallen-Key Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com