| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RF12 bảng dữ liệu(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RF12 bảng dữ liệu(HTML) 21 Page - Renesas Technology Corp |
|
21 / 56 page ![]() RL78 Family Chapter 3 EEL Functional Specifications EEPROM Emulation Library Pack02 R01US0068EJ0100 Rev.1.00 Page 21 of 53 Mar. 28, 2014 3.3 Basic Flowchart Figure 3-2 below shows the basic procedure to perform read and write operations for the data flash by using the EEL. Figure 3-2 Basic Flowchart of EEL Note 1: When using the EEPROM emulation for the first time, be sure to execute the EEL_CMD_FORMAT command. Note 2: Error processing is omitted in the above flowchart. start end (2) FDL_Open function (11) FDL_Close function (3) EEL_Init function (10) EEL_Close function (4) EEL_Open function (5) EEL_Execute function EEL_CMD_STARTUP (6) EEL_Execute function EEL_CMD_WRITE (7) EEL_Execute function EEL_CMD_READ (9) EEL_Execute function EEL_CMD_SHUTDOWN (1) FDL_Init function EEL_ERR_POOL_FULL? (8) EEL_Execute function EEL_CMD_REFRESH Yes No |