| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RF12 bảng dữ liệu(PDF) 17 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RF12 bảng dữ liệu(HTML) 17 Page - Renesas Technology Corp |
|
17 / 56 page ![]() RL78 Family Chapter 3 EEL Functional Specifications EEPROM Emulation Library Pack02 R01US0068EJ0100 Rev.1.00 Page 17 of 53 Mar. 28, 2014 Chapter 3 EEL Functional Specifications This chapter describes the functional specifications of the EEL required for the user to execute EEPROM emulation. 3.1 EEL Functions / Commands of the EEL_Execute Function The table below summarizes the EEL functions offered by the EEL. Table 3-1 EEL Functions EEL function name Functional overview FDL_Init Initializes the FDL. FDL_Open Preparation processing of FDL FDL_Close End processing of FDL EEL_Init Initializes the EEL EEL_Open Preparation processing of EEL EEL_Close End processing of EEL EEL_Execute Manipulates data flash with commands. Command : EEL_CMD_STARTUP EEL_CMD_WRITE EEL_CMD_READ EEL_CMD_REFRESH EEL_CMD_VERIFY EEL_CMD_FORMAT EEL_CMD_SHUTDOWN EEL_Handler Controls the EEL while it is running. EEL_GetSpace Checks free space in the EEL block EEL_GetVersionString Obtains EEL version information. With the EEL_Execute function, the following commands can be executed. 3. 1. 1 EEL_CMD_STARTUP command [Startup processing] This checks the block status and sets the system to the EEPROM emulation start (started) state. 3. 1. 2 EEL_CMD_SHUTDOWN command [Shutdown processing] Set the EEPROM emulation operation to the stopped state (opened). 3. 1. 3 EEL_CMD_REFRESH command [Refresh processing] The latest stored data is copied from the active block (copy source block) to the next block (copy destination block) in the EEL pool after the erase processing. This makes the copy destination block active. |