| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PD70F3556 bảng dữ liệu(PDF) 9 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
PD70F3556 bảng dữ liệu(HTML) 9 Page - Renesas Technology Corp |
|
9 / 10 page ![]() CubeSuite+ Simulator for V850E2 supporting OS Timer V3.02.00 Release Note R20UT2916EJ0100 Rev.1.00 Page 9 of 9 February 17, 2014 [PRISM_PGTS_FILE] __pgts_file_name=C: \workspace\PrismProject3\PrismTraceSpec.PGTS [PRISM_PGT_FILE] __pgt_file_name=C:\ workspace\PrismProject3\CubeSuiteSim.PGT [PRISM_OS_DATA_ADDR] __kernel_trace_data=0xFEDF0074 4.3.5 Reexecution after Reset When executing one time and reexecuting after reset, CubeSuite+ ends. Please don't reexecute after a reset. 4.3.6 Cycle numbers after stopping at break point If a program execution is stopped by a break point during Prism Trace File generating, the cycle number displayed on the prism will be increased by number of times which stopped at break point. But this behavior does not happen when at least one of the following functions are used. Hardware break point by access event. Timer-function. Ttrace-function. A coverage-function. All trademarks and registered trademarks are the property of their respective owners. |