| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PD70F3556 bảng dữ liệu(PDF) 5 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
PD70F3556 bảng dữ liệu(HTML) 5 Page - Renesas Technology Corp |
|
5 / 10 page ![]() CubeSuite+ Simulator for V850E2 supporting OS Timer V3.02.00 Release Note R20UT2916EJ0100 Rev.1.00 Page 5 of 9 February 17, 2014 Chapter 4. Cautions This section describes cautions for using the V850E2 supporting OS Timer simulator. The following two types of caution are described. •Cautions for CPU core function •Cautions for OS Timer 4.1 Cautions for CPU core function 4.1.1 CPU function The simulator supports as following functions. Other functions are not supported. - CPU instruction - Exceptions - System register protection - Memory protection - Timing supervision function - Floating-point operation function 4.1.2 External memory bus The access to external memory area is not supported. 4.1.3 Floating-point unit A simulation result of the floating-point unit [FPU] has a margin of errors compared to real devices. The simulator uses the floating-point library of Visual C++, and store a result calculated by 80bit in a register. 4.1.4 Exceptions Following exception is not supported. System error exception, Memory error exception 4.1.5 Cache memory The simulation of cache memory is not supported. |