công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PQ208 bảng dữ liệu(PDF) 2 Page - Microsemi Corporation

tên linh kiện PQ208
Giải thích chi tiết về linh kiện  ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROSEMI [Microsemi Corporation]
Trang chủ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PQ208 bảng dữ liệu(HTML) 2 Page - Microsemi Corporation

  PQ208 Datasheet HTML 1Page - Microsemi Corporation PQ208 Datasheet HTML 2Page - Microsemi Corporation PQ208 Datasheet HTML 3Page - Microsemi Corporation PQ208 Datasheet HTML 4Page - Microsemi Corporation PQ208 Datasheet HTML 5Page - Microsemi Corporation PQ208 Datasheet HTML 6Page - Microsemi Corporation PQ208 Datasheet HTML 7Page - Microsemi Corporation PQ208 Datasheet HTML 8Page - Microsemi Corporation PQ208 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 162 page
background image
ProASIC3E Flash Family FPGAs
II
Revision 13
I/Os Per Package1
ProASIC3E Device Status
ProASIC3E Devices
A3PE600
A3PE1500 3
A3PE3000 3
Cortex-M1 Devices 2
M1A3PE1500
M1A3PE3000
Package
I/O Types
PQ208
147
65
147
65
147
65
FG256
165
79
––––
FG324
––––
221
110
FG484
270
135
280
139
341
168
FG676
–
–
444
222
–
–
FG896
––––
620
310
Notes:
1. When considering migrating your design to a lower- or higher-density device, refer to the ProASIC3E FPGA Fabric User’s
Guide to ensure compliance with design and board migration requirements.
2. Each used differential I/O pair reduces the number of single-ended I/Os available by two.
3. For A3PE1500 and A3PE3000 devices, the usage of certain I/O standards is limited as follows:
– SSTL3(I) and (II): up to 40 I/Os per north or south bank
– LVPECL / GTL+ 3.3 V / GTL 3.3 V: up to 48 I/Os per north or south bank
– SSTL2(I) and (II) / GTL+ 2.5 V/ GTL 2.5 V: up to 72 I/Os per north or south bank
4. FG256 and FG484 are footprint-compatible packages.
5. When using voltage-referenced I/O standards, one I/O pin should be assigned as a voltage-referenced pin (VREF) per
minibank (group of I/Os).
6. "G" indicates RoHS-compliant packages. Refer to the "ProASIC3E Ordering Information" on page III for the location of the "G"
in the part number.
Table 1-2 • ProASIC3E FPGAs Package Sizes Dimensions
Package
PQ208
FG256
FG324
FG484
FG676
FG896
Length × Width (mm\mm)
28 × 28
17 × 17
19 × 19
23 × 23
27 × 27
31 × 31
Nominal Area (mm2)
784
289
361
529
729
961
Pitch (mm)
0.5
1.0
1.0
1.0
1.0
1.0
Height (mm)
3.40
1.60
1.63
2.23
2.23
2.23
ProASIC3E Devices
Status
M1 ProASIC3E Devices
Status
A3PE600
Production
A3PE1500
Production
M1A3PE1500
Production
A3PE3000
Production
M1A3PE3000
Production



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com