công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PQ208 bảng dữ liệu(PDF) 21 Page - Microsemi Corporation

tên linh kiện PQ208
Giải thích chi tiết về linh kiện  ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROSEMI [Microsemi Corporation]
Trang chủ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PQ208 bảng dữ liệu(HTML) 21 Page - Microsemi Corporation

Back Button PQ208 Datasheet HTML 17Page - Microsemi Corporation PQ208 Datasheet HTML 18Page - Microsemi Corporation PQ208 Datasheet HTML 19Page - Microsemi Corporation PQ208 Datasheet HTML 20Page - Microsemi Corporation PQ208 Datasheet HTML 21Page - Microsemi Corporation PQ208 Datasheet HTML 22Page - Microsemi Corporation PQ208 Datasheet HTML 23Page - Microsemi Corporation PQ208 Datasheet HTML 24Page - Microsemi Corporation PQ208 Datasheet HTML 25Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 162 page
background image
ProASIC3E Flash Family FPGAs
Revision 13
2-7
HSTL (I)
1.5
0.17
2.03
HSTL (II)
1.5
0.17
2.03
SSTL2 (I)
2.5
1.38
4.48
SSTL2 (II)
2.5
1.38
4.48
SSTL3 (I)
3.3
3.21
9.26
SSTL3 (II)
3.3
3.21
9.26
Differential
LVDS/B-LVDS/M-LVDS
2.5
2.26
1.50
LVPECL
3.3
5.71
2.17
Table 2-9 • Summary of I/O Output Buffer Power (per pin) – Default I/O Software Settings 1
CLOAD
(pF)
VCCI
(V)
Static Power
PDC3 (mW)2
Dynamic Power
PAC10 (µW/MHz)3
Single-Ended
3.3 V LVTTL/LVCMOS
35
3.3
–
474.70
3.3 V LVTTL/LVCMOS Wide Range4
35
3.3
–
474.70
2.5 V LVCMOS
35
2.5
–
270.73
1.8 V LVCMOS
35
1.8
–
151.78
1.5 V LVCMOS (JESD8-11)
35
1.5
–
104.55
3.3 V PCI
10
3.3
–
204.61
3.3 V PCI-X
10
3.3
–
204.61
Voltage-Referenced
3.3 V GTL
10
3.3
–
24.08
2.5 V GTL
10
2.5
–
13.52
3.3 V GTL+
10
3.3
–
24.10
2.5 V GTL+
10
2.5
–
13.54
HSTL (I)
20
1.5
7.08
26.22
HSTL (II)
20
1.5
13.88
27.22
SSTL2 (I)
30
2.5
16.69
105.56
SSTL2 (II)
30
2.5
25.91
116.60
Notes:
1. Dynamic power consumption is given for standard load and software default drive strength and output slew.
2. PDC3 is the static power (where applicable) measured on VCCI.
3. PAC10 is the total dynamic power measured on VCC and VCCI.
4. All LVCMOS 3.3 V software macros support LVCMOS 3.3 V wide range as specified in the JESD8-B specification.
Table 2-8 • Summary of I/O Input Buffer Power (per pin) – Default I/O Software Settings (continued)
VMV
(V)
Static Power
PDC2 (mW)1
Dynamic Power
PAC9 (µW/MHz)2
Notes:
1. PDC2 is the static power (where applicable) measured on VMV.
2. PAC9 is the total dynamic power measured on VCC and VMV.
3. All LVCMOS 3.3 V software macros support LVCMOS 3.3 V wide range as specified in the JESD8b specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com