công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ECOS1JP682DA bảng dữ liệu(PDF) 8 Page - Panasonic Semiconductor

tên linh kiện ECOS1JP682DA
Giải thích chi tiết về linh kiện  Large Can Aluminum Electrolytic Capacitors
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECOS1JP682DA bảng dữ liệu(HTML) 8 Page - Panasonic Semiconductor

Back Button ECOS1JP682DA Datasheet HTML 4Page - Panasonic Semiconductor ECOS1JP682DA Datasheet HTML 5Page - Panasonic Semiconductor ECOS1JP682DA Datasheet HTML 6Page - Panasonic Semiconductor ECOS1JP682DA Datasheet HTML 7Page - Panasonic Semiconductor ECOS1JP682DA Datasheet HTML 8Page - Panasonic Semiconductor ECOS1JP682DA Datasheet HTML 9Page - Panasonic Semiconductor ECOS1JP682DA Datasheet HTML 10Page - Panasonic Semiconductor ECOS1JP682DA Datasheet HTML 11Page - Panasonic Semiconductor ECOS1JP682DA Datasheet HTML 12Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
Aluminum Electrolytic Capacitors

Compact size for general purpose and industrial applications

NEW: 500 WV ratings, 40mm diameter sizes, extended capacitance ratings

Wide range of case sizes including 20mm lengths for low profile applications

Can vent construction
Part Number System
Series
Capacitance
Code
Suffix, Top Vinyl Plate
TS-UP Standard Ratings
Cap.
Panasonic
Cap.
Panasonic
(µF)
120Hz
10k~50kHz
120Hz
20kHz
Part Number
(µF)
D x L
120Hz
10k~50kHz
120Hz
20kHz
Part Number
6800
20 x 25
3.15
3.62
0.098
0.083
ECOS1CP682AA
4700
20 x 25
3.05
3.51
0.113
0.090
ECOS1EP472AA
8200
20 x 30
3.47
3.99
0.081
0.069
ECOS1CP822AA
5600
20 x 30
3.36
3.86
0.095
0.076
ECOS1EP562AA
10000
20 x 35
3.78
4.35
0.066
0.056
ECOS1CP103AA
6800
20 x 35
3.47
3.99
0.078
0.062
ECOS1EP682AA
12000
20 x 35
4.52
5.20
0.062
0.053
ECOS1CP123AA
8200
20 x 40
3.57
4.11
0.065
0.052
ECOS1EP822AA
15000
20 x 40
5.26
6.05
0.053
0.045
ECOS1CP153AA
3300
22 x 20
1.60
1.84
0.176
0.141
ECOS1EP332BL
4700
22 x 20
1.60
1.84
0.159
0.135
ECOS1CP472BL
6800
22 x 30
3.47
3.99
0.078
0.062
ECOS1EP682BA
10000
22 x 30
3.78
4.35
0.075
0.063
ECOS1CP103BA
8200
22 x 30
3.57
4.11
0.065
0.052
ECOS1EP822BA
12000
22 x 30
4.52
5.20
0.062
0.053
ECOS1CP123BA
10000
22 x 35
3.78
4.35
0.058
0.046
ECOS1EP103BA
15000
22 x 35
5.26
6.05
0.053
0.045
ECOS1CP153BA
12000
22 x 40
4.10
4.72
0.048
0.039
ECOS1EP123BA
18000
22 x 40
5.57
6.41
0.046
0.039
ECOS1CP183BA
15000
22 x 50
4.63
5.32
0.039
0.031
ECOS1EP153BA
22000
22 x 45
6.10
7.02
0.038
0.032
ECOS1CP223BA
4700
25 x 20
1.80
2.07
0.123
0.099
ECOS1EP472CL
6800
25 x 20
1.80
2.07
0.110
0.093
ECOS1CP682CL
6800
25 x 25
3.47
3.99
0.078
0.062
ECOS1EP682CA
10000
25 x 25
3.78
4.35
0.075
0.063
ECOS1CP103CA
8200
25 x 25
3.57
4.11
0.065
0.052
ECOS1EP822CA
12000
25 x 25
4.52
5.20
0.062
0.053
ECOS1CP123CA
10000
25 x 30
3.78
4.35
0.058
0.046
ECOS1EP103CA
15000
25 x 30
5.26
6.05
0.053
0.045
ECOS1CP153CA
12000
25 x 35
4.10
4.72
0.048
0.039
ECOS1EP123CA
18000
25 x 30
5.57
6.41
0.046
0.039
ECOS1CP183CA
15000
25 x 40
4.63
5.32
0.039
0.031
ECOS1EP153CA
22000
25 x 35
6.10
7.02
0.038
0.032
ECOS1CP223CA
18000
25 x 45
5.47
6.29
0.035
0.028
ECOS1EP183CA
27000
25 x 45
6.31
7.26
0.031
0.026
ECOS1CP273CA
22000
25 x 50
6.10
7.02
0.029
0.023
ECOS1EP223CA
33000
25 x 50
6.84
7.87
0.025
0.021
ECOS1CP333CA
6800
30 x 20
2.30
2.65
0.078
0.062
ECOS1EP682DL
10000
30 x 20
2.40
2.76
0.083
0.070
ECOS1CP103DL
10000
30 x 25
3.78
4.35
0.058
0.046
ECOS1EP103DA
22000
30 x 30
6.10
7.02
0.038
0.032
ECOS1CP223DA
12000
30 x 30
4.10
4.72
0.048
0.039
ECOS1EP123DA
27000
30 x 35
6.31
7.26
0.031
0.026
ECOS1CP273DA
15000
30 x 30
4.63
5.32
0.039
0.031
ECOS1EP153DA
33000
30 x 40
6.84
7.87
0.025
0.021
ECOS1CP333DA
18000
30 x 35
5.47
6.29
0.035
0.028
ECOS1EP183DA
39000
30 x 45
6.94
7.98
0.021
0.018
ECOS1CP393DA
22000
30 x 40
6.10
7.02
0.029
0.023
ECOS1EP223DA
47000
30 x 50
7.47
8.59
0.019
0.017
ECOS1CP473DA
27000
30 x 45
6.21
7.14
0.023
0.019
ECOS1EP273DA
15000
35 x 20
3.20
3.68
0.055
0.047
ECOS1CP153EL
33000
30 x 50
6.84
7.87
0.020
0.017
ECOS1EP333DA
33000
35 x 30
6.84
7.87
0.025
0.021
ECOS1CP333EA
10000
35 x 20
2.70
3.11
0.061
0.049
ECOS1EP103EL
39000
35 x 35
6.94
7.98
0.021
0.018
ECOS1CP393EA
27000
35 x 35
6.21
7.14
0.025
0.020
ECOS1EP273EA
47000
35 x 40
7.47
8.59
0.021
0.019
ECOS1CP473EA
33000
35 x 40
6.84
7.87
0.020
0.017
ECOS1EP333EA
56000
35 x 45
8.73
10.04
0.019
0.018
ECOS1CP563EA
39000
35 x 45
7.36
8.46
0.019
0.017
ECOS1EP393EA
68000
35 x 50
9.05
10.41
0.018
0.017
ECOS1CP683EA
47000
35 x 50
8.00
9.20
0.017
0.015
ECOS1EP473EA
68000
40 x 40
9.05
10.41
0.018
0.017
ECOS1CP683FA
47000
40 x 40
8.00
9.20
0.017
0.015
ECOS1EP473FA
82000
40 x 50
10.29
11.83
0.016
0.015
ECOS1CP823FA
56000
40 x 50
8.96
10.30
0.016
0.015
ECOS1EP563FA
ECEC
8
Max. 20°C ESR (
Ω
Ω
Ω
Ω)
Max 85°C R.C. (Arms)
Max 85°C R.C. (Arms)
Max. 20°C ESR (
Ω
Ω
Ω
Ω)
16 VDC Working, 20 VDC Surge
Size (mm)
4.0mm Length "Short" Terminal
(See page 7)
D x L
TS-UP Series
two terminal snap-in
350 ~ 500 VDC
Operating Temperature:
-40 ~ +85ºC
-25 ~ +85ºC
Dissipation Factor:
(120 Hz, +20ºC)
Rated Working Voltage:
16 ~ 250 VDC
Nominal Capacitance:
120 ~ 68000µF (±20% tolerance)
33 ~ 680µF (±20% tolerance)
Voltage
Code
ECOS
Endurance:
3000 hours* at +85ºC with maximum specified ripple current (see page 4)
6.3mm Length Terminal (Standard)
*2000 hours for 20mm diameter or 20mm length sizes
Case
Diameter
Common Code/
Terminal Type
25 VDC Working, 32 VDC Surge
Size (mm)
Working Voltage [V]:
Max. D.F. (%):
16
50
25
40
35
35
50
30
63
25
80
20
100
20
160 ~ 500
15
(rated cap. [µF] - 33000 )
1000
For capacitance values > 33000µF, add the value of:
E
C
P
A
B
C
D
E
20mm
22mm
25mm
30mm
35mm
B
Without plate
25 ~ 50mm lengths
A
With Plate
Extended Capacitance Ratings
L
G
With Plate
Without plate
F
40mm
20mm length
X
With plate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com