công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ECOS1JP682DA bảng dữ liệu(PDF) 27 Page - Panasonic Semiconductor

tên linh kiện ECOS1JP682DA
Giải thích chi tiết về linh kiện  Large Can Aluminum Electrolytic Capacitors
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECOS1JP682DA bảng dữ liệu(HTML) 27 Page - Panasonic Semiconductor

Back Button ECOS1JP682DA Datasheet HTML 23Page - Panasonic Semiconductor ECOS1JP682DA Datasheet HTML 24Page - Panasonic Semiconductor ECOS1JP682DA Datasheet HTML 25Page - Panasonic Semiconductor ECOS1JP682DA Datasheet HTML 26Page - Panasonic Semiconductor ECOS1JP682DA Datasheet HTML 27Page - Panasonic Semiconductor ECOS1JP682DA Datasheet HTML 28Page - Panasonic Semiconductor ECOS1JP682DA Datasheet HTML 29Page - Panasonic Semiconductor ECOS1JP682DA Datasheet HTML 30Page - Panasonic Semiconductor ECOS1JP682DA Datasheet HTML 31Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
Aluminum Electrolytic Capacitors
T-HA Series
multi terminal snap-in

NEW 50mm Diameter Sizes with Five P. C. Mount Terminals

NEW lengths up to 105mm

Endurance rating of 3000 hours at 105°C

4 or 5 terminal mounting provides stability and keyed polarity

Can vent construction
Part Number System
T-HA Standard Ratings
Cap.
Panasonic
Cap.
Panasonic
(µF)
120 Hz
10k~50kHz
120Hz
20kHz
Part Number
(µF)
120Hz
10k~50kHz
120Hz
20kHz
Part Number
39000
35 x 40
5.10
5.87
0.022
0.020
ECET1CA393EA
27000
35 x 40
4.80
5.52
0.018
0.017
ECET1EA273EA
56000
35 x 50
6.00
6.90
0.019
0.017
ECET1CA563EA
33000
35 x 50
5.50
6.33
0.018
0.016
ECET1EA333EA
68000
35 x 63
6.62
7.61
0.017
0.015
ECET1CA683EA
47000
35 x 63
6.56
7.54
0.017
0.015
ECET1EA473EA
100000
35 x 80
8.03
9.23
0.015
0.013
ECET1CA104EA
56000
35 x 80
7.25
8.34
0.015
0.013
ECET1EA563EA
120000
35 x 105
8.71
10.02
0.014
0.012
ECET1CA124EA
82000
35 x 105
8.58
9.87
0.013
0.012
ECET1EA823EA
47000
40 x 40
5.50
6.33
0.020
0.018
ECET1CA473FA
33000
40 x 40
5.50
6.33
0.018
0.016
ECET1EA333FA
68000
40 x 50
7.29
8.38
0.015
0.014
ECET1CA683FA
47000
40 x 50
6.47
7.44
0.015
0.014
ECET1EA473FA
82000
40 x 63
7.66
8.81
0.017
0.015
ECET1CA823FA
56000
40 x 63
7.17
8.25
0.014
0.013
ECET1EA563FA
120000
40 x 80
8.79
10.11
0.014
0.012
ECET1CA124FA
82000
40 x 80
8.68
9.98
0.013
0.012
ECET1EA823FA
150000
40 x 105
9.88
11.36
0.013
0.012
ECET1CA154FA
100000
40 x 105
9.76
11.22
0.012
0.010
ECET1EA104FA
120000
50 x 50
9.02
10.37
0.015
0.014
ECEP1CA124HA
82000
50 x 50
9.20
10.58
0.016
0.015
ECEP1EA823HA
150000
50 x 63
10.15
11.67
0.014
0.013
ECEP1CA154HA
100000
50 x 63
10.02
11.52
0.015
0.013
ECEP1EA104HA
180000
50 x 80
11.02
12.67
0.013
0.012
ECEP1CA184HA
120000
50 x 80
10.93
12.57
0.013
0.012
ECEP1EA124HA
220000
50 x 92
11.71
13.47
0.012
0.011
ECEP1CA224HA
150000
50 x 92
11.70
13.46
0.012
0.011
ECEP1EA154HA
250000
50 x 105
12.31
14.16
0.011
0.010
ECEP1CA254HA
180000
50 x 105
12.42
14.28
0.010
0.009
ECEP1EA184HA
18000
35 x 40
4.30
4.95
0.028
0.021
ECET1VA183EA
10000
35 x 40
4.00
4.60
0.033
0.025
ECET1HA103EA
22000
35 x 50
5.00
5.75
0.023
0.017
ECET1VA223EA
15000
35 x 50
4.80
5.52
0.022
0.018
ECET1HA153EA
27000
35 x 63
5.53
6.36
0.025
0.018
ECET1VA273EA
18000
35 x 63
5.27
6.06
0.020
0.016
ECET1HA183EA
39000
35 x 80
6.52
7.50
0.019
0.014
ECET1VA393EA
27000
35 x 80
6.16
7.08
0.015
0.012
ECET1HA273EA
47000
35 x 105
8.07
9.28
0.017
0.013
ECET1VA473EA
33000
35 x 105
7.23
8.31
0.013
0.010
ECET1HA333EA
22000
40 x 40
5.00
5.75
0.023
0.017
ECET1VA223FA
15000
40 x 40
4.80
5.52
0.022
0.018
ECET1HA153FA
27000
40 x 50
5.44
6.26
0.020
0.015
ECET1VA273FA
22000
40 x 50
5.15
5.92
0.016
0.013
ECET1HA223FA
33000
40 x 63
6.61
7.60
0.019
0.014
ECET1VA333FA
27000
40 x 63
6.05
6.96
0.015
0.012
ECET1HA273FA
47000
40 x 80
7.79
8.96
0.018
0.013
ECET1VA473FA
39000
40 x 80
7.55
8.68
0.014
0.011
ECET1HA393FA
68000
40 x 105
9.27
10.66
0.016
0.012
ECET1VA683FA
47000
40 x 105
8.18
9.41
0.012
0.010
ECET1HA473FA
47000
50 x 50
8.25
9.49
0.021
0.016
ECEP1VA473HA
33000
50 x 50
7.75
8.91
0.018
0.014
ECEP1HA333HA
56000
50 x 63
9.07
10.43
0.019
0.014
ECEP1VA563HA
39000
50 x 63
8.40
9.66
0.016
0.013
ECEP1HA393HA
68000
50 x 80
10.07
11.58
0.017
0.013
ECEP1VA683HA
47000
50 x 80
9.19
10.57
0.014
0.011
ECEP1HA473HA
82000
50 x 92
10.89
12.52
0.015
0.011
ECEP1VA823HA
56000
50 x 92
9.79
11.26
0.012
0.009
ECEP1HA563HA
100000
50 x 105
11.75
13.51
0.013
0.010
ECEP1VA104HA
68000
50 x 105
10.42
11.98
0.011
0.009
ECEP1HA683HA
350 ~ 450 VDC
-25 ~ +105ºC
330 ~ 2200µF (±20% tolerance)
3000 hours at +105ºC with maximum specified ripple current (see page 4)
16 ~ 250 VDC
-40 ~ +105ºC
1000~ 250000µF (±20% tolerance)
Max 20°C ESR (
Ω
Ω
Ω
Ω)
Size (mm)
D x L
Size (mm)
D x L
Max 105°C R.C. (Arms)
Max 105°C R.C. (Arms)
Max 20°C ESR (
Ω
Ω
Ω
Ω)
27
16 VDC Working, 20 VDC Surge
25 VDC Working, 32 VDC Surge
50 VDC Working, 63 VDC Surge
35 VDC Working, 44 VDC Surge
Rated Working Voltage:
Operating Temperature:
Nominal Capacitance:
Endurance:
E C E
A
A
T Type Common Code /
Number of Terminals
Voltage
Code
Series
Capacitance
Code
Terminal Shape (see pg.23)
Diameter
Code
Straight pin with standoff
(available on
φ 50mm dia.)
Snap-in (Standard)
A
4 terminal
(
φ 35 & 40mm dia.)
ECET
ECEP
5 terminal
(
φ 50mm dia.)
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com