| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AFE032 bảng dữ liệu(PDF) 36 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AFE032 bảng dữ liệu(HTML) 36 Page - Texas Instruments |
|
36 / 77 page ![]() AFE032 SBOS669A – AUGUST 2013 – REVISED DECEMBER 2013 www.ti.com PA Disable Sequence Use the following sequence to disable the PA: • Disable the PA output enable bit (bit 3) on the REG_DAC/HPF/LPF/PA_CTRL register. • Disable the PA internal sub-regulation circuitry (bit 4) of the REG_DAC/HPF/LPF/PA_CTL register. • Disable the ENPAIQN bit (bit 3) and the ENPAIQP bit (bit 2) of the REG_PA_CURRENT_CFG register. • Disable the ENPCOMP bit (bit 7) and ENNCOMP bit (bit 6) of the REG_RX/TX_CTL register. • Set the PA IQ current control bits (bits 6 and 7) of the REG_PA_CURRENT_CFG register to '00' (that is, the 55 mA option). 36 Submit Documentation Feedback Copyright © 2013, Texas Instruments Incorporated Product Folder Links: AFE032 |