công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MS3451 bảng dữ liệu(PDF) 2 Page - Amphenol Corporation

tên linh kiện MS3451
Giải thích chi tiết về linh kiện  Matrix MS/Standard MIL-DTL-5015 Cylindrical Connectors
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMPHENOL [Amphenol Corporation]
Trang chủ  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MS3451 bảng dữ liệu(HTML) 2 Page - Amphenol Corporation

  MS3451 Datasheet HTML 1Page - Amphenol Corporation MS3451 Datasheet HTML 2Page - Amphenol Corporation MS3451 Datasheet HTML 3Page - Amphenol Corporation MS3451 Datasheet HTML 4Page - Amphenol Corporation MS3451 Datasheet HTML 5Page - Amphenol Corporation MS3451 Datasheet HTML 6Page - Amphenol Corporation MS3451 Datasheet HTML 7Page - Amphenol Corporation MS3451 Datasheet HTML 8Page - Amphenol Corporation MS3451 Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
1
This catalog covers the Amphenol ® /Matrix ® MIL-
DTL-5015 Family of Connectors which incorporate
rear release crimp contacts. MIL-C-5015 has been
replaced by MIL-DTL-5015 for all Amphenol/Matrix
rear release crimp type connectors. These connectors
can be ordered through Amphenol, by military or
equivalent proprietary part numbers.
Should more information be required concerning the
connectors covered in this publication, or if special
application needs arise, please contact:
Amphenol Corporation
Amphenol Aerospace
40-60 Delaware Avenue
Sidney, New York 13838-1395
Telephone 607-563-5011
Fax: 607-563-5157
www.amphenol-aerospace.com
The MIL-DTL-5015 crimp rear release type connector
covered in this catalog, completes the MS/Standard
family of connectors, so that now Amphenol can pro-
vide users with the broadest range of product available
in the marketplace.
Catalog 12-020, Amphenol ® MIL-DTL-5015 and MIL-
5015 Type Standard Cylindrical Connectors, is also
available upon request. This catalog covers the MIL-
5015 cylindrical connectors with solder contacts. It
also covers the MIL-5015 type connectors with propri-
etary crimp contacts in a very broad range of insert
patterns - up to 280 different arrangements. Within
these
connector
styles,
MIL-C-5015
has
been
replaced as follows: Environmental classes F and R
are updated to and produced in strict accordance to
MIL-DTL-5015. Classes A, C and E are still produced,
but are no longer listed on the qualified products listing
(QPL).
Also, ask for these additional Amphenol Product Cata-
logs:
Amphenol Industrial Connector Brochure, SL-381,
for an overview of the industrial family of connec-
tors.
Amphenol Brochure SL-100, which provides an
overview of all products, military and industrial,
offered through Amphenol Aerospace.
TABLE OF CONTENTS
Amphenol ® /Matrix ® MS/Standard Cylindrical
MIL-DTL-5015 Connectors with Crimp Rear Release
Contacts
Introduction, Table of Contents. . . . . . . . . . . . . . . . . .1
General Description, Features and Benefits. . . . . . . .2
Class Descriptions, Performance Specifications . . . .3
Shell Styles, Dimensional Data:
Wall Mounting Receptacle . . . . . . . . . . . . . . . . . . .4
Cable Connecting Receptacle . . . . . . . . . . . . . . . .5
Box Mounting Receptacle, . . . . . . . . . . . . . . . . . . .6
Jam Nut Receptacle. . . . . . . . . . . . . . . . . . . . . . . .7
Straight Plug. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .8
Straight Plug with Self-Locking Coupling Nut. . . . .9
Quick Disconnect Plugs,
with/without Lanyards. . . . . . . . . . . . . . . . . . . . . .10
Insert Arrangement Chart . . . . . . . . . . . . . . . . . .11, 12
Insert Alternate Positions . . . . . . . . . . . . . . . . . . . . .13
Insert Arrangement Patterns. . . . . . . . . . . . . . . 14 - 24
Contact Information, Sealing Plugs,
Crimping and Insertion/Removal Tools. . . . . . . . . . .25
Protection Caps . . . . . . . . . . . . . . . . . . . . . . . . . 26-28
How to Order . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .29
Additional MS/Standard Connectors
offered by Amphenol. . . . . . . . . . . . . . . . . . . . . . . . .30
Sales Office Listing
Amphenol Aerospace operates Quality Systems that are
Certified to ISO-9001 and AS-9100 by third party
Registrars.
Visit our website www.amphenol-aerospace.com
for this catalog and other catalogs of
Amphenol products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com